データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BM78 データシート(PDF) 51 Page - Microchip Technology

部品番号 BM78
部品情報  Bluetooth® Dual-Mode Module
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 データシート(HTML) 51 Page - Microchip Technology

Back Button BM78_V01 Datasheet HTML 47Page - Microchip Technology BM78_V01 Datasheet HTML 48Page - Microchip Technology BM78_V01 Datasheet HTML 49Page - Microchip Technology BM78_V01 Datasheet HTML 50Page - Microchip Technology BM78_V01 Datasheet HTML 51Page - Microchip Technology BM78_V01 Datasheet HTML 52Page - Microchip Technology BM78_V01 Datasheet HTML 53Page - Microchip Technology BM78_V01 Datasheet HTML 54Page - Microchip Technology BM78_V01 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
 2016-2019 Microchip Technology Inc.
DS60001380B-Page 51
BM78
Guidelines on Transmitter Antenna for License Exempt
Radio Apparatus:
A.2.2
RF EXPOSURE
All transmitters regulated by the Innovation, Science
and Economic Development Canada (ISED) must
comply with RF exposure requirements listed in
RSS-102 - Radio Frequency (RF) Exposure Compli-
ance of Radio communication Apparatus (All Fre-
quency Bands).
This transmitter is restricted for use with a specific
antenna tested in this application for certification, and
must not be co-located or operating in conjunction with
any other antenna or transmitters, except in accor-
dance with Innovation, Science and Economic Devel-
opment Canada multi-transmitter guidelines.
The device operates at an output power level which is
within the ISED SAR test exemption limits at any user
distance.
A.2.3
HELPFUL WEB SITES
Innovation, Science and Economic Development Can-
ada (ISED): http://www.ic.gc.ca/
A.3
Europe
The BM78/BM78 ROM module is an Radio Equipment
Directive (RED) assessed radio module that is CE
marked and has been manufactured and tested with
the intention of being integrated into a final product.
The BM78/BM78 ROM module has been tested to RED
2014/53/EU Essential Requirements for Health and
Safety (Article (3.1(a)), Electromagnetic Compatibility
(EMC) (Article 3.1(b)), and Radio (Article 3.2) and are
summarized in Table A-1.
The ETSI provides guidance on modular devices in
“Guide to the application of harmonised standards cov-
ering Article 3.1(b) and Article 3.2 of the Directive
2014/53/EU RED to multi-radio and combined radio
and non-radio equipment” document available at:
http://www.etsi.org/deliver/etsi_eg/203300_203399/20
3367/01.01.01_60/eg_203367v010101p.pdf
Under Industry Canada regulations, this radio
transmitter may only operate using an antenna of
a type and maximum (or lesser) gain approved for
the transmitter by Industry Canada. To reduce
potential radio interference to other users, the
antenna type and its gain must be so chosen that
the equivalent isotropically radiated power
(e.i.r.p.) is not more than that necessary for suc-
cessful communication.
Conformément à la réglementation d'Industrie
Canada, le présent émetteur radio peut fonction-
ner avec une antenne d'un type et d'un gain max-
imal (ou inférieur) approuvé pour l'émetteur par
Industrie Canada. Dans le but de réduire les ris-
ques de brouillage radioélectrique à l'intention
des autres utilisateurs, il faut choisir le type
d'antenne et son gain de sorte que la puissance
isotrope
rayonnée
équivalente
(p.i.r.e.)
ne
dépasse pas l'intensité nécessaire à l'établisse-
ment d'une communication satisfaisante.
Note:
To maintain conformance to the testing
listed in Table A-1, the module shall be
installed in accordance with the installa-
tion instructions in this data sheet and
shall not be modified.
When integrating a radio module into a
completed
product
the
integrator
becomes the manufacturer of the final
product and is therefore responsible for
demonstrating compliance of the final
product with the essential requirements
against the RED.


同様の部品番号 - BM78_V01

メーカー部品番号データシート部品情報
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM7805L BOOKLY-BM7805L Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78L05A BOOKLY-BM78L05A Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78M BOOKLY-BM78M Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78M05A BOOKLY-BM78M05A Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - BM78_V01

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
WT11I-E SILABS-WT11I-E Datasheet
1Mb / 40P
WT11i Bluetooth® Module
Version 1.14
WT41-A SILABS-WT41-A Datasheet
1Mb / 48P
WT41 Bluetooth® Module
Version 1.45
WT41-E SILABS-WT41-E Datasheet
1Mb / 42P
WT41 Bluetooth® Module
Version 1.4
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
Dual Mode, Place and Play Bluetooth Module
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
logo
Laird Tech Smart Techno...
BT850 LSTD-BT850 Datasheet
2Mb / 34P
Bluetooth v5 Dual-Mode USB HCI Module
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com