データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BM78 データシート(PDF) 52 Page - Microchip Technology

部品番号 BM78
部品情報  Bluetooth® Dual-Mode Module
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 データシート(HTML) 52 Page - Microchip Technology

Back Button BM78_V01 Datasheet HTML 48Page - Microchip Technology BM78_V01 Datasheet HTML 49Page - Microchip Technology BM78_V01 Datasheet HTML 50Page - Microchip Technology BM78_V01 Datasheet HTML 51Page - Microchip Technology BM78_V01 Datasheet HTML 52Page - Microchip Technology BM78_V01 Datasheet HTML 53Page - Microchip Technology BM78_V01 Datasheet HTML 54Page - Microchip Technology BM78_V01 Datasheet HTML 55Page - Microchip Technology BM78_V01 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
BM78
DS60001380B-Page 52
 2016-2019 Microchip Technology Inc.
A.3.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
BM78/BM78 ROM module must follow CE marking
requirements.
A.3.2
CONFORMITY ASSESSMENT
From ETSI Guidance Note EG 203367, section 6.1
Non-radio products are combined with a radio product:
If the manufacturer of the combined equipment installs
the radio product in a host non-radio product in equiva-
lent assessment conditions (i.e. host equivalent to the
one used for the assessment of the radio product) and
according to the installation instructions for the radio
product, then no additional assessment of the com-
bined equipment against article 3.2 of the RED is
required.
The European Compliance Testing listed in Table A-1
was performed using the Integral Ceramic Chip
antenna.
A.3.2.1
Simplified EU Declaration of
Conformity
Hereby, Microchip Technology Inc. declares that the
radio equipment type BM78/BM78 ROM is in compli-
ance with Directive 2014/53/EU.
The full text of the EU declaration of conformity, for this
product, is available at:
http://www.microchip.com/design-centers/wirless-con-
nectivity
A.3.3
HELPFUL WEBSITES
A document that can be used as a starting point in
understanding the use of Short Range Devices (SRD)
in Europe is the European Radio Communications
Committee (ERC) Recommendation 70-03 E, which
can be downloaded from the European Communica-
tions Committee (ECC) at: http://www.ecodocdb.dk/
Additional helpful web sites are:
• Radio Equipment Directive (RED):
https://ec.europa.eu/growth/single-market/euro-
pean-standards/harmonised-standards/red_en
• European Conference of Postal and Telecommu-
nications Administrations (CEPT):
http://www.cept.org
• European Telecommunications Standards Insti-
tute (ETSI):
http://www.etsi.org
• The Radio Equipment Directive (RED):
http://www.redca.eu/
A.4
Japan
The BM78/BM78 ROM module has received type cer-
tification and is labeled with its own technical confor-
mity mark and certification number as required to
conform to the technical standards regulated by the
Ministry of Internal Affairs and Communications (MIC)
of Japan pursuant to the Radio Act of Japan.
Integration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed. Additional testing may be
required:
• If the host product is subject to electrical appli-
TABLE A-1:
EUROPEAN COMPLIANCE TESTING
Certification
Standards
Article
Laboratory
Report Number
Date
Safety
EN 60950-1:2006+A11:2009
+A1:2010 +A12:2011+A2:2013
[3.1(a)]
TUV
Rheinland
10052799 001
2015-10-30
Health
EN 300 328 V1.9.1
EN 62479:2010
10052796 001
10052797 001
2015-12-21
EMC
EN 301 489-1 V1.9.2
[3.1(b)]
10052437 001
2015-09-14
EN 301 489-17 V2.2.1
EN 301 489-1 V2.1.1
10052437 002
2017-05-26
EN 301 489-1 V2.2.0
EN 301 489-17 V3.1.1
EN 301 489-17 V3.2.0
Radio
EN 300 328 V1.9.1
(3.2)
10052796 001
10052797 001
2015-12-21
EN 300 328 V2.1.1
10052796 002
10052797 002
2017-05-26


同様の部品番号 - BM78_V01

メーカー部品番号データシート部品情報
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM7805L BOOKLY-BM7805L Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78L05A BOOKLY-BM78L05A Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78M BOOKLY-BM78M Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78M05A BOOKLY-BM78M05A Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - BM78_V01

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
WT11I-E SILABS-WT11I-E Datasheet
1Mb / 40P
WT11i Bluetooth® Module
Version 1.14
WT41-A SILABS-WT41-A Datasheet
1Mb / 48P
WT41 Bluetooth® Module
Version 1.45
WT41-E SILABS-WT41-E Datasheet
1Mb / 42P
WT41 Bluetooth® Module
Version 1.4
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
Dual Mode, Place and Play Bluetooth Module
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
logo
Laird Tech Smart Techno...
BT850 LSTD-BT850 Datasheet
2Mb / 34P
Bluetooth v5 Dual-Mode USB HCI Module
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com