データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1408742 データシート(PDF) 3 Page - PHOENIX CONTACT

部品番号 1408742
部品情報  Network cable - NBC-M12MRD/ 0,5-93E/R4AC US
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408742 データシート(HTML) 3 Page - PHOENIX CONTACT

  1408742 Datasheet HTML 1Page - PHOENIX CONTACT 1408742 Datasheet HTML 2Page - PHOENIX CONTACT 1408742 Datasheet HTML 3Page - PHOENIX CONTACT 1408742 Datasheet HTML 4Page - PHOENIX CONTACT 1408742 Datasheet HTML 5Page - PHOENIX CONTACT 1408742 Datasheet HTML 6Page - PHOENIX CONTACT 1408742 Datasheet HTML 7Page - PHOENIX CONTACT 1408742 Datasheet HTML 8Page - PHOENIX CONTACT 1408742 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Dimensional drawing
Cable weight
42 kg/km
UL AWM Style
20963 (80°C/30 V)
Number of positions
4
Shielded
yes
Cable type
Ethernet flexible CAT5, 2-pair [93E]
Conductor structure
2x2xAWG26/7; SF/UTP
Signal runtime
5.3 ns/m
Conductor structure signal line
7x 0.16 mm
AWG signal line
26
Conductor cross section
2x 2x 0.14 mm²
Wire diameter incl. insulation
0.98 mm
External cable diameter
6.4 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
water blue RAL 5021
Conductor material
Bare Cu litz wires
Material wire insulation
Foamed PE
Single wire, color
white/orange-orange, white/green-green
Thickness, outer sheath
1.2 mm
Twisted pairs
2 cores to the pair
Overall twist
Two pairs with two fillers to the core
Optical shield covering
70 %
Insulation resistance
≥ 500 MΩ*km
Coupling resistance
≤ 100.00 mΩ/m (at 10 MHz)
Loop resistance
≤ 290.00 Ω/km
Wave impedance
100 Ω ±5 Ω (at 100 MHz)
Cable capacity
approx. 45 nF/km (at 1 kHz)
Nominal voltage, cable
≤ 100 V (Peak value, not for high-power applications)
Test voltage Core/Core
700 V (50 Hz, 1 min.)
Test voltage Core/Shield
700 V (50 Hz, 1 min.)
Current carrying capacity of cable
2 A (according to DIN VDE 0891-1)
Minimum bending radius, fixed installation
4 x D
Minimum bending radius, flexible installation
8 x D
Tensile strength
≤ 80 N
65.3 dB (with 1 MHz)
56.3 dB (at 4 МHz)
50.3 dB (at 10 MHz)
Near end crosstalk attenuation (NEXT)
Network cable - NBC-M12MRD/ 0,5-93E/R4AC US
1408742
https://www.phoenixcontact.com/us/products/1408742
Feb 10, 2023, 7:11 AM
Page 3 (11)


同様の部品番号 - 1408742

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1408741 PHOENIX-1408741 Datasheet
311Kb / 9P
   Network cable - NBC-M12MRD/ 0,5-93E/M12MRD US
Jan 11, 2023
1408743 PHOENIX-1408743 Datasheet
372Kb / 10P
   Network cable - NBC-M12MS/ 5,0-94B US
1408744 PHOENIX-1408744 Datasheet
139Kb / 9P
   Network cable - NBC-MS/ 10,0-94B SCO US
09/11/2020
1408745 PHOENIX-1408745 Datasheet
372Kb / 10P
   Network cable - NBC- 5,0-94B/FS SCO US
1408746 PHOENIX-1408746 Datasheet
372Kb / 10P
   NBC- 10,0-94B/FS SCO US - Network cable
More results

同様の説明 - 1408742

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1408741 PHOENIX-1408741 Datasheet
311Kb / 9P
   Network cable - NBC-M12MRD/ 0,5-93E/M12MRD US
Jan 11, 2023
1406122 PHOENIX-1406122 Datasheet
408Kb / 11P
   Network cable - NBC-M12MRD/ 2,0-93E/R4AC US
Jan 11, 2023
1405868 PHOENIX-1405868 Datasheet
310Kb / 9P
   Network cable - NBC-M12MRD-M12MRD US/93E/...
Jan 11, 2023
1408733 PHOENIX-1408733 Datasheet
456Kb / 11P
   Network cable - NBC-M12MSD/ 0,5-93E/R4AC US
Jan 11, 2023
1405871 PHOENIX-1405871 Datasheet
309Kb / 9P
   NBC-M12MRD US/93E/... - Network cable
1408734 PHOENIX-1408734 Datasheet
359Kb / 10P
   Network cable - NBC-M12MRD/ 5,0-93E US
1408735 PHOENIX-1408735 Datasheet
359Kb / 10P
   Network cable - NBC-M12MRD/10,0-93E US
1405869 PHOENIX-1405869 Datasheet
346Kb / 10P
   NBC-M12MRD-M12FRD US/93E/... - Network cable
1192132 PHOENIX-1192132 Datasheet
449Kb / 10P
   NBC-M12MRD/ 0,5-93F/R4AC - Network cable
1405872 PHOENIX-1405872 Datasheet
455Kb / 11P
   NBC-M12MSD-R4AC US/93E/... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com