データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32U545CE データシート(PDF) 103 Page - STMicroelectronics

部品番号 STM32U545CE
部品情報  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE データシート(HTML) 103 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 99Page - STMicroelectronics STM32U545CE Datasheet HTML 100Page - STMicroelectronics STM32U545CE Datasheet HTML 101Page - STMicroelectronics STM32U545CE Datasheet HTML 102Page - STMicroelectronics STM32U545CE Datasheet HTML 103Page - STMicroelectronics STM32U545CE Datasheet HTML 104Page - STMicroelectronics STM32U545CE Datasheet HTML 105Page - STMicroelectronics STM32U545CE Datasheet HTML 106Page - STMicroelectronics STM32U545CE Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 283 page
background image
-
-
10 E4
-
17
G2
-
10 F2
17
J3
PC2
I/O
FT_ha
-
LPTIM1_IN2, SPI2_MISO,
MDF1_CCK1, OCTOSPI1_IO5,
LPGPIO1_P5, EVENTOUT
ADC1_IN3,
ADC4_IN3
-
-
11 F2
-
18
H3
-
11 G1 18
K2
PC3
I/O
FT_ha
-
LPTIM1_ETR, LPTIM3_CH1,
SAI1_D1, SPI2_MOSI,
OCTOSPI1_IO6, SAI1_SD_A,
LPTIM2_ETR, EVENTOUT
ADC1_IN4,
ADC4_IN4
8
F14 12 F1 G16 19
H2
8
12 F1
19
J1
VSSA
S
-
-
-
-
-
-
-
-
-
-
-
-
-
-
20
K1
VREF-
S
-
-
-
-
-
-
-
-
-
20
H1
-
-
-
21
L1
VREF+
S
-
-
-
VREFBUF_OUT
9
F12 13 G1 G14 21
J1
9
13 H1 22
M1
VDDA
S
-
-
-
-
10
F10 14 E5 H15 22
J3
10
14 G2 23
L2
PA0
I/O
FT_hat
-
TIM2_CH1, TIM5_CH1,
TIM8_ETR, SPI3_RDY,
UART4_TX, OCTOSPI1_NCS,
AUDIOCLK, TIM2_ETR,
EVENTOUT
OPAMP1_VINP,
ADC1_IN5,
WKUP1,
TAMP_IN2/
TAMP_OUT1
11
G13 15 F3 E12
23
J2
11
15 H2 24
M2
PA1
I/O
FT_hat
-
LPTIM1_CH2, TIM2_CH2,
TIM5_CH2, I2C1_SMBA,
SPI1_SCK, UART4_RX,
OCTOSPI1_DQS, LPGPIO1_P0,
TIM15_CH1N, EVENTOUT
OPAMP1_VINM
, ADC1_IN6,
WKUP3,
TAMP_IN5/
TAMP_OUT4
12
E7
16 G2 F11
24
K1
12
16 F3
25
K3
PA2
I/O
FT_ha
-
TIM2_CH3, TIM5_CH3,
SPI1_RDY, LPUART1_TX,
OCTOSPI1_NCS, TIM15_CH1,
EVENTOUT
COMP1_INP3,
ADC1_IN7,
WKUP4/LSCO
Table 27. STM32U545xx pin/ball definitions(1) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More