| データシートサーチシステム |
|
STM32U595AI データシート(PDF) 234 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI データシート(HTML) 234 Page - STMicroelectronics |
|
234 / 377 page ![]() Electrical characteristics STM32U59xxx 234/377 DS13633 Rev 1 SAI2 1.77 1.57 1.42 1.29 - 0.85 0.71 0.59 0.47 - µA/ MHz SAI2 indep(1) 1.40 1.29 1.17 1.00 - 0.69 0.58 0.49 0.38 - SPI1 1.71 1.55 1.41 1.26 - 0.83 0.70 0.59 0.47 - SPI1 indep(1) 0.83 0.76 0.69 0.62 - 0.41 0.34 0.29 0.23 - TIM1 7.25 6.61 6.00 5.34 - 3.56 2.97 2.50 1.99 - TIM15 3.74 3.41 3.10 2.78 - 1.88 1.54 1.29 1.03 - TIM16 2.61 2.38 2.17 1.94 - 1.29 1.07 0.90 0.72 - TIM17 2.71 2.47 2.24 2.01 - 1.34 1.11 0.93 0.74 - TIM8 7.26 6.63 5.99 5.38 - 3.57 3.00 2.50 1.98 - USART1 2.09 1.92 1.75 1.55 - 1.03 0.87 0.73 0.58 - USART1 indep(1) 3.97 3.63 3.31 2.94 - 1.96 1.63 1.37 1.10 - APB3 0.34 0.21 0.17 0.16 - 0.11 0.08 0.07 0.06 - COMP 0.23 0.21 0.19 0.17 0.14 0.11 0.09 0.08 0.06 0.05 I2C3 0.64 0.59 0.52 0.47 0.48 0.32 0.26 0.22 0.17 0.17 I2C3 indep(1) 1.73 1.59 1.42 1.27 1.28 0.90 0.71 0.60 0.45 0.47 LPTIM1 1.08 0.98 0.89 0.78 0.81 0.57 0.44 0.37 0.29 0.29 LPTIM1 indep(1) 3.03 2.74 2.47 2.20 2.24 1.48 1.21 1.03 0.81 0.82 LPTIM3 1.03 0.95 0.85 0.76 0.77 0.51 0.43 0.35 0.28 0.28 LPTIM3 Indep(1) 2.87 2.54 2.32 2.06 2.13 1.41 1.15 0.98 0.77 0.78 LPTIM4 0.65 0.60 0.54 0.48 0.49 0.33 0.27 0.22 0.18 0.18 LPTIM4 indep(1) 1.69 1.54 1.46 1.28 1.34 0.88 0.72 0.63 0.47 0.49 LPUART1 1.27 1.16 1.04 0.93 0.95 0.67 0.52 0.44 0.34 0.35 LPUART1 indep(1) 2.12 1.94 1.76 1.58 1.58 1.05 0.87 0.73 0.57 0.58 OPAMP 0.24 0.22 0.18 0.17 0.18 0.11 0.10 0.08 0.07 0.06 RTC 1.87 1.70 1.52 1.38 1.39 0.93 0.77 0.64 0.50 0.51 SPI3 1.13 1.01 0.90 0.80 0.81 0.54 0.45 0.37 0.30 0.30 SPI3 indep(1) 0.48 0.44 0.40 0.35 0.35 0.23 0.20 0.16 0.12 0.13 SYSCFG 0.37 0.30 0.27 0.24 - 0.17 0.14 0.11 0.09 - VREFBUF 0.14 0.12 0.11 0.10 0.11 0.07 0.06 0.05 0.04 0.04 1. indep stands for independent clock domain. Table 63. Typical dynamic current consumption of peripherals (continued) Bus Peripheral LDO SMPS Unit Range 1 Range 2 Range 3 Range 4 Stop 1/2 Range 1 Range 2 Range 3 Range 4 Stop 1/2 |