データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H7B3AI データシート(PDF) 162 Page - STMicroelectronics

部品番号 STM32H7B3AI
部品情報  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3AI データシート(HTML) 162 Page - STMicroelectronics

Back Button STM32H7B3AI Datasheet HTML 158Page - STMicroelectronics STM32H7B3AI Datasheet HTML 159Page - STMicroelectronics STM32H7B3AI Datasheet HTML 160Page - STMicroelectronics STM32H7B3AI Datasheet HTML 161Page - STMicroelectronics STM32H7B3AI Datasheet HTML 162Page - STMicroelectronics STM32H7B3AI Datasheet HTML 163Page - STMicroelectronics STM32H7B3AI Datasheet HTML 164Page - STMicroelectronics STM32H7B3AI Datasheet HTML 165Page - STMicroelectronics STM32H7B3AI Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 238 page
background image
Figure 60. Channel transceiver timing diagrams
SITP = 0
SITP = 1
tsu
th
tsu
th
tf
tr
twl
twh
recovered clock
SITP = 2
SITP = 3
recovered data
1
1
0
0
0
SITP = 00
SITP = 01
tsu
th
tsu
th
tf
tr
twl
twh
SPICKSEL=2
SPICKSEL=1
(SPICKSEL=0)
SPICKSEL=3
6.3.31
Camera interface (DCMI) timing specifications
Unless otherwise specified, the parameters given in Table 109. DCMI characteristics for DCMI are derived
from tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage summarized in
Table 22. General operating conditions and Section 6.3.1 , with the following configuration:
DCMI_PIXCLK polarity: falling
DCMI_VSYNC and DCMI_HSYNC polarity: high
STM32H7B3xI
Operating conditions
DS13139 - Rev 8
page 162/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More