データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8AF/P6389 データシート(PDF) 107 Page - STMicroelectronics

部品番号 STM8AF/P6389
部品情報  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF/P6389 データシート(HTML) 107 Page - STMicroelectronics

Back Button STM8AF/P6389 Datasheet HTML 103Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 104Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 105Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 106Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 107Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 108Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 109Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 110Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 116 page
background image
DocID031156 Rev 1
107/116
STM8AF6388
Package information
114
Figure 58. VFQFPN32 - 32-pin, 5 x 5 mm, 0.5 mm pitch very thin profile fine pitch quad
flat package recommended footprint
1. Dimensions are expressed in millimeters.
42_FP_AMKOR_V1
5.30
3.80
0.60
3.10 (Var A)
3.60 (Var B)
0.50
5.30
0.30
0.75
3.80
3.80
3.10 (Var A)
3.60 (Var B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More