データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32U535NET3QTR データシート(PDF) 175 Page - STMicroelectronics

部品番号 STM32U535NET3QTR
部品情報  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR データシート(HTML) 175 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 171Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 172Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 173Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 174Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 175Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 176Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 177Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 178Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 278 page
background image
DS14217 Rev 1
175/278
STM32U535xx
Electrical characteristics
253
GPIOB
0.04
0.04
0.03
0.03
-
0.03
0.02
0.01
0.01
-
µA/
MHz
GPIOC
0.15
0.14
0.13
0.11
-
0.09
0.07
0.06
0.04
-
GPIOD
0.05
0.05
0.05
0.04
-
0.03
0.02
0.02
0.01
-
GPIOE
0.06
0.05
0.05
0.04
-
0.03
0.03
0.02
0.02
-
GPIOG
0.22
0.20
0.18
0.16
-
0.12
0.10
0.08
0.06
-
GPIOH
0.09
0.08
0.07
0.07
-
0.05
0.04
0.03
0.02
-
HASH1
1.37
1.25
1.13
1.03
-
0.74
0.62
0.53
0.38
-
OCTOSPI1
1.02
0.93
0.84
0.76
-
0.55
0.46
0.39
0.29
-
OCTOSPI1
indep(1)
1.08
0.97
0.88
0.79
-
0.58
0.49
0.41
0.30
-
OTFDEC1
2.01
1.83
1.66
1.49
-
1.09
0.91
0.77
0.56
-
PKA
7.09
6.48
5.89
5.31
-
3.82
3.24
2.74
2.00
-
RNG
0.96
0.88
0.80
0.72
-
0.52
0.44
0.37
0.27
-
RNG indep(1)
0.08
0.06
0.06
0.05
-
0.04
0.04
0.03
0.03
-
SAES
3.34
3.05
2.77
2.50
-
1.80
1.52
1.29
0.94
-
SDMMC1
11.98
10.95
9.95
9.05
-
6.46
5.45
4.63
3.37
-
SDMMC1
indep(1)
1.37
1.26
1.13
0.01
-
0.76
0.63
0.53
0.01
-
SRAM2
1.23
1.12
1.01
0.91
-
0.66
0.56
0.48
0.34
-
ADC4
1.52
1.39
1.26
1.13
1.37
0.82
0.69
0.59
0.43
0.52
ADC4 indep(1)
2.07
1.90
1.71
1.55
1.56
1.12
0.95
0.81
0.58
0.59
ADF1
1.16
1.06
0.96
0.87
1.11
0.63
0.53
0.45
0.33
0.42
ADF1 indep(1)
0.44
0.40
0.36
0.33
0.28
0.24
0.20
0.17
0.12
0.10
AHB3
0.29
0.28
0.26
0.23
-
0.17
0.15
0.12
0.09
-
DAC1
1.75
1.60
1.45
1.31
1.55
0.95
0.80
0.68
0.49
0.59
DAC1 indep(1)
0.99
0.89
0.81
0.73
0.74
0.53
0.45
0.38
0.27
0.28
GTZC2
0.16
0.16
0.14
0.13
-
0.09
0.08
0.07
0.05
-
LPDMA1
0.35
0.32
0.29
0.26
0.49
0.19
0.16
0.14
0.10
0.19
LPGPIO1
0.06
0.05
0.05
0.04
0.27
0.03
0.03
0.02
0.02
0.11
PWR
0.24
0.22
0.19
0.18
-
0.13
0.11
0.09
0.07
-
SRAM4
0.46
0.43
0.39
0.35
0.23
0.25
0.21
0.18
0.13
0.09
Table 71. Typical dynamic current consumption of peripherals (continued)
Bus
Peripheral
LDO
SMPS
Unit
Range
1
Range
2
Range
3
Range
4
Stop
1/2
Range
1
Range
2
Range
3
Range
4
Stop
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More