データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8AF6366UCX データシート(PDF) 114 Page - STMicroelectronics

部品番号 STM8AF6366UCX
部品情報  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366UCX データシート(HTML) 114 Page - STMicroelectronics

Back Button STM8AF6366UCX Datasheet HTML 108Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 109Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 110Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 111Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 112Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 113Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 114Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 115Page - STMicroelectronics STM8AF6366UCX Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 114 / 116 page
background image
STM8 development tools
STM8AF6388
114/116
DocID031156 Rev 1
13.3
Programming tools
During the development cycle, STice provides in-circuit programming of the STM8A Flash
microcontroller on the application board via the SWIM protocol. Additional tools are to
include a low-cost in-circuit programmer as well as ST socket boards, which provide
dedicated programming platforms with sockets for programming the STM8A.
For production environments, programmers will include a complete range of gang and
automated programming solutions from third-party tool developers already supplying
programmers for the STM8 family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More