| データシートサーチシステム |
|
ASM330LHB データシート(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ASM330LHB データシート(HTML) 123 Page - STMicroelectronics |
|
123 / 131 page ![]() 11.6 FSM_INT1_A (0Bh) ........................................................... 80 11.7 FSM_INT1_B (0Ch) ........................................................... 81 11.8 MLC_INT1 (0Dh) .............................................................. 82 11.9 EMB_FUNC_INT2 (0Eh) ....................................................... 83 11.10 FSM_INT2_A (0Fh)............................................................ 83 11.11 FSM_INT2_B (10h)............................................................ 84 11.12 MLC_INT2 (11h) .............................................................. 85 11.13 EMB_FUNC_STATUS (12h) .................................................... 85 11.14 FSM_STATUS_A (13h)......................................................... 86 11.15 FSM_STATUS_B (14h)......................................................... 87 11.16 MLC_STATUS (15h) ........................................................... 88 11.17 PAGE_RW (17h) .............................................................. 89 11.18 FSM_ENABLE_A (46h) ........................................................ 90 11.19 FSM_ENABLE_B (47h) ........................................................ 90 11.20 FSM_LONG_COUNTER_L (48h) and FSM_LONG_COUNTER_H (49h) ............... 91 11.21 FSM_LONG_COUNTER_CLEAR (4Ah) .......................................... 91 11.22 FSM_OUTS1 (4Ch) ........................................................... 92 11.23 FSM_OUTS2 (4Dh) ........................................................... 93 11.24 FSM_OUTS3 (4Eh)............................................................ 94 11.25 FSM_OUTS4 (4Fh)............................................................ 95 11.26 FSM_OUTS5 (50h) ............................................................ 96 11.27 FSM_OUTS6 (51h) ............................................................ 97 11.28 FSM_OUTS7 (52h) ............................................................ 98 11.29 FSM_OUTS8 (53h) ............................................................ 99 11.30 FSM_OUTS9 (54h) ...........................................................100 11.31 FSM_OUTS10 (55h)..........................................................101 11.32 FSM_OUTS11 (56h) ..........................................................102 11.33 FSM_OUTS12 (57h)..........................................................103 11.34 FSM_OUTS13 (58h)..........................................................104 11.35 FSM_OUTS14 (59h)..........................................................105 11.36 FSM_OUTS15 (5Ah) .........................................................106 11.37 FSM_OUTS16 (5Bh) .........................................................107 11.38 EMB_FUNC_ODR_CFG_B (5Fh)...............................................107 11.39 EMB_FUNC_ODR_CFG_C (60h)...............................................108 11.40 EMB_FUNC_INIT_B (67h).....................................................108 11.41 MLC0_SRC (70h) ............................................................108 ASM330LHB Contents DS13773 - Rev 7 page 123/131 |