データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1406120 データシート(PDF) 4 Page - PHOENIX CONTACT

部品番号 1406120
部品情報  NBC- 2,0-94B/FS SCO US - Network cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406120 データシート(HTML) 4 Page - PHOENIX CONTACT

  1406120 Datasheet HTML 1Page - PHOENIX CONTACT 1406120 Datasheet HTML 2Page - PHOENIX CONTACT 1406120 Datasheet HTML 3Page - PHOENIX CONTACT 1406120 Datasheet HTML 4Page - PHOENIX CONTACT 1406120 Datasheet HTML 5Page - PHOENIX CONTACT 1406120 Datasheet HTML 6Page - PHOENIX CONTACT 1406120 Datasheet HTML 7Page - PHOENIX CONTACT 1406120 Datasheet HTML 8Page - PHOENIX CONTACT 1406120 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
53.2 dB (at 16 MHz)
51.8 dB (at 20 МHz)
48.9 dB (at 31.25 МHz)
44.4 dB (at 62.5 МHz)
41.3 dB (at 100 MHz)
62.3 dB (with 1 MHz)
53.3 dB (at 4 МHz)
47.3 dB (at 10 MHz)
44.2 dB (at 16 MHz)
42.8 dB (at 20 МHz)
39.9 dB (at 31.25 МHz)
35.4 dB (at 62.5 МHz)
Power-summated near end crosstalk attenuation (PSNEXT)
32.3 dB (at 100 MHz)
23 dB (at 4 МHz)
24.1 dB (at 8 МHz)
25 dB (at 10 MHz)
25 dB (at 16 MHz)
25 dB (at 20 МHz)
23.6 dB (at 31.25 МHz)
21.5 dB (at 62.5 МHz)
Return loss (RL)
20.1 dB (at 100 MHz)
3.2 dB (with 1 MHz)
6 dB (at 4 МHz)
9.5 dB (at 10 MHz)
12.1 dB (at 16 MHz)
13.6 dB (at 20 МHz)
17.1 dB (at 31.25 МHz)
24.8 dB (at 62.5 МHz)
Shield attenuation
32 dB (at 100 MHz)
Halogen-free
according to IEC 60754-1
Flame resistance
according to IEC 60332-1-2
Resistance to oil
in accordance with EN 60811-2-1
-40 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-20 °C ... 80 °C (Cable, flexible installation)
Ambient temperature (installation)
-20 °C ... 80 °C
Environmental and real-life conditions
Ambient conditions
IP65
IP67
Degree of protection
IP65/IP67
Ambient temperature (operation)
-25 °C ... 85 °C (M12 connector)
Standards and regulations
NBC- 2,0-94B/FS SCO US - Network cable
1406120
https://www.phoenixcontact.com/us/products/1406120
Apr 7, 2023, 5:35 AM
Page 4 (10)


同様の部品番号 - 1406120

メーカー部品番号データシート部品情報
logo
Turck, Inc.
1406120 TURCK-1406120 Datasheet
202Kb / 2P
   Inductive Sensor – Ring Sensor
11/07/2023
More results

同様の説明 - 1406120

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1406119 PHOENIX-1406119 Datasheet
465Kb / 11P
   NBC-MS/ 2,0-94B/FS SCO US - Network cable
1407440 PHOENIX-1407440 Datasheet
956Kb / 28P
   NBC- 2,0-94B/FS SCO - Network cable
1407456 PHOENIX-1407456 Datasheet
705Kb / 18P
   NBC-FS/ 2,0-94B/R4RC SCO - Network cable
1407452 PHOENIX-1407452 Datasheet
638Kb / 17P
   NBC-FS/ 2,0-94B/R4MC SCO - Network cable
1408746 PHOENIX-1408746 Datasheet
372Kb / 10P
   NBC- 10,0-94B/FS SCO US - Network cable
1407444 PHOENIX-1407444 Datasheet
608Kb / 16P
   Network cable - NBC-FS/ 2,0-94B/R4AC SCO
1407460 PHOENIX-1407460 Datasheet
708Kb / 19P
   NBC-FS/ 2,0-94B/R4QC SCO - Network cable
1408745 PHOENIX-1408745 Datasheet
372Kb / 10P
   Network cable - NBC- 5,0-94B/FS SCO US
1406121 PHOENIX-1406121 Datasheet
373Kb / 10P
   Network cable - NBC-M12MS/ 2,0-94B US
Jan 11, 2023
1406116 PHOENIX-1406116 Datasheet
372Kb / 10P
   NBC-M12MR/ 2,0-94B US - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com