| データシートサーチシステム |
|
SN250 データシート(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250 データシート(HTML) 111 Page - STMicroelectronics |
|
111 / 130 page ![]() SN250 Functional description—application modules 111/130 7.5.1 Registers ADC_CFG [0x4902] ADC_DATA [0x4900] 7.6 Event manager The XAP2b core supports one IRQ and one wake-up input; however, the SN250 contains an advanced Event Manager that takes IRQ and WAKE_UP signals from a variety of internal and external sources and provides them to the XAP2b. The Event Manager allows for each event to be separately masked and cleared by the CPU, and ensures that all events are serviced properly and promptly. Event sources include: ● Timer events ● GPIO events ● SC1 and SC2 events ● ADC ● System-mode sources (MAC, Watchdog, etc.) 15 0-R 14 0-RW 13 0-RW 12 0-RW 11 0-RW 10 0-RW 9 0-RW 8 0-RW 0 ADC_RATE ADC_SEL 0 0 0 0 0 0 ADC_DITH ADC_EN 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-RW 1 0-RW 0 ADC_RATE [14:12] ADC conversion rate selection. Refer to Table 33 for details. ADC_SEL [11:8] ADC input selection. Refer to Table 34 for details. ADC_DITH [1] Set this bit to disable dither. ADC_EN [0] Set this bit to enable the ADC. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R ADC_DATA ADC_DATA 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 ADC_DATA [15:0] ADC sample value. Refer to Table 33 and Table 35 for details. |