| データシートサーチシステム |
|
HC705MC4GRS/D データシート(PDF) 154 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D データシート(HTML) 154 Page - NXP Semiconductors |
|
154 / 180 page ![]() Instruction Set MC68HC705MC4 — Rev. 2.0 Instruction Set 13.4.4 Bit Manipulation Instructions The CPU can set or clear any writable bit in the first 256 bytes of memory, which includes I/O registers and on-chip RAM locations. The CPU can also test and branch based on the state of any bit in any of the first 256 memory locations. Table 13-4. Bit Manipulation Instructions Instruction Mnemonic Bit Clear BCLR Branch if Bit Clear BRCLR Branch if Bit Set BRSET Bit Set BSET Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |