データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5320 データシート(PDF) 107 Page - Applied Micro Circuits Corporation

部品番号 CS5320
部品情報  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMCC [Applied Micro Circuits Corporation]
ホームページ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 データシート(HTML) 107 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 103Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 104Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 105Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 106Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 107Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 108Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 109Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 110Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 111Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 160 page
background image
S5320 – PCI Match Maker: Mailbox Overview
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
107
Data Sheet
4. Clear the interrupt source. The Add-On IRQ# signal is deasserted by clearing the interrupt request. The
request is cleared by writing a 1 to the appropriate bit.
NOTE: For an incoming mailbox interrupt, step 3 involves accessing the mailbox. To allow the incoming mailbox
interrupt logic to be cleared, the mailbox status bit must also be cleared. Reading an incoming mailbox clears the
status bits. Another option for clearing the status bits is to use the Mailbox Flag Reset bit in the RCR and ARCR
registers, but this clears all status bits, not just a single mailbox byte. For outgoing mailbox interrupts, the status bit
was already cleared prior to the generation of the interrupt. As a result, the mailbox does not need to be read.
AINT
Bit 17
Clear Add-On outgoing mailbox interrupt
AINT
Bit 16
Clear Add-On incoming mailbox interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More