データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H742VG データシート(PDF) 119 Page - STMicroelectronics

部品番号 STM32H742VG
部品情報  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG データシート(HTML) 119 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 115Page - STMicroelectronics STM32H742VG Datasheet HTML 116Page - STMicroelectronics STM32H742VG Datasheet HTML 117Page - STMicroelectronics STM32H742VG Datasheet HTML 118Page - STMicroelectronics STM32H742VG Datasheet HTML 119Page - STMicroelectronics STM32H742VG Datasheet HTML 120Page - STMicroelectronics STM32H742VG Datasheet HTML 121Page - STMicroelectronics STM32H742VG Datasheet HTML 122Page - STMicroelectronics STM32H742VG Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 357 page
background image
DS12110 Rev 10
119/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
APB1
TIM2
3.5
3.2
2.9
µA/MHz
TIM3
3.4
3.1
2.7
TIM4
2.7
2.5
1.9
TIM5
3.2
2.9
2.5
TIM6
1
0.8
0.7
TIM7
1
0.9
0.7
TIM12
1.7
1.5
1.2
TIM13
1.5
1.3
1
TIM14
1.4
1.3
0.9
LPTIM1 registers
0.7
0.6
0.5
LPTIM1 kernel
2.3
2.1
1.9
WWDG2
0.6
0.4
0.4
SPI2 registers
1.8
1.5
1.2
SPI2 kernel
0.6
0.5
0.5
SPI3 registers
1.5
1.3
1.1
SPI3 kernel
0.6
0.5
0.5
SPDIFRX1
registers
0.6
0.5
0.3
SPDIFRX1 kernel
2.9
2.4
2.4
USART2 registers
1.4
1.3
1
USART2 kernel
4.7
4.1
4
USART3 registers
1.4
1.3
1
USART3 kernel
4.2
3.8
3.5
UART4 registers
1.5
1.1
1
UART4 kernel
3.7
3.6
3.2
Table 39. Peripheral current consumption in Run mode (continued)
Peripheral
IDD(Typ)
Unit
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More