| データシートサーチシステム |
|
TMPR4955F データシート(PDF) 115 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955F データシート(HTML) 115 Page - Toshiba Semiconductor |
|
115 / 168 page ![]() Chapter 6 TX4955A System Interface 6-43 EReq EReq EReq EReq* ((((I) I) I) I) Indicates an external agent is requesting bus ownership of the System interface. To gain mastership of the bus, an external agent must arbitrate with the processor as follows: A External agent asserts EReq* B Wait for PMaster* to be deasserted (1 to N cycles). C External agent drives SysAD and SysCmd buses. The external agent is guaranteed to maintain mastership of the bus as long as EReq EReq EReq EReq is asserted. If at any time EReq EReq EReq EReq* is deasserted, the external agent must go back to step A and re-arbitrate for the bus. ExtAgent Cmd ExtAgent Data C B A SysAD SCycle SClock SysCmd EReq* PMaster* Figure 6.3.10 Sample Cycle with EReq* Asserted From the time that EReq EReq EReq EReq* is asserted, the external agent is guaranteed to gain mastership of the bus after at most one processor request. However, if EOK EOK EOK EOK* is being deasserted, the external agent will gain mastership of the bus without having to accept any processor requests. The external agent relinquishes bus mastership by deasserting EReq EReq EReq EReq* as shown below: ExtAgent Cmd ExtAgent Data Proc Data Data Cmd C B A SysAD SCycle SClock SysCmd EReq* PMaster* Figure 6.3.11 Sample Cycle with Deassertion of EReq* A External agent deasserts EReq EReq EReq EReq* and external agent drives the bus. B Bus is set to a tristate. C Processor regains mastership of bus. Except for a processor read request (see below), assertion of EReq EReq EReq EReq* is the only way the external agent gets and maintains bus mastership. |