データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMI-9655S-SMT-TR データシート(PDF) 1 Page - CUI Devices

部品番号 CMI-9655S-SMT-TR
部品情報  MAGNETIC BUZZER INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUID [CUI Devices]
ホームページ  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMI-9655S-SMT-TR データシート(HTML) 1 Page - CUI Devices

  CMI-9655S-SMT-TR Datasheet HTML 1Page - CUI Devices CMI-9655S-SMT-TR Datasheet HTML 2Page - CUI Devices CMI-9655S-SMT-TR Datasheet HTML 3Page - CUI Devices CMI-9655S-SMT-TR Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 12/15/2022
page 1 of 4
MODEL: CMI-9655S-SMT-TR | DESCRIPTION: MAGNETIC BUZZER INDICATOR
cuidevices.com
FEATURES
• includes driving circuit
• SMT
• washable
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
5.0
Vdc
operating voltage
4.0
7.0
Vdc
current consumption
30
mA
rated frequency
2,500
2,700
2,900
Hz
sound pressure level
at 10 cm (A-weight), rated voltage
80
85
dBA
dimensions
9.6 x 9.6 x 5.0
mm
weight
1.5
g
material
PPS
terminal
SMT type (Sn plating)
operating temperature
-40
85
°C
storage temperature
-40
85
°C
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106 kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reel storage
at relative humidity <40%
25
°C
reflow soldering2
see recommended reflow soldering profile
260
°C
drying conditions3
bake at 40°C for 24 hours
Note:
2. It is recommended to reflow solder within 48 hours from opening vacuum packaging at a temperature <30°C & relative humidity <60%.
3. When out of packaging for more than 48 hours.
Peak Temp 260°C
255°C
217°C
200°C
150°C
60~180 sec
60~150 sec
20~40 sec
Time (sec)
SMT Reflow Solder Profile (Pb Free)
Additional Resources: Product Page | 3D Model | PCB Footprint


同様の部品番号 - CMI-9655S-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI INC
CMI-9655S-SMT-TR CUI-CMI-9655S-SMT-TR Datasheet
480Kb / 4P
MAGNETIC BUZZER INDICATOR
11/22/2019
More results

同様の説明 - CMI-9655S-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI INC
CMI-1275C-050 CUI-CMI-1275C-050 Datasheet
400Kb / 4P
MAGNETIC BUZZER INDICATOR
CMI-9653S-SMT CUI-CMI-9653S-SMT Datasheet
535Kb / 4P
MAGNETIC BUZZER INDICATOR
CT-1205CL-SMT CUI-CT-1205CL-SMT Datasheet
195Kb / 3P
MAGNETIC BUZZER INDICATOR
CX-0905C CUI-CX-0905C_V01 Datasheet
365Kb / 3P
MAGNETIC BUZZER INDICATOR
03/18/2020
CMI-1210-5-95T CUI-CMI-1210-5-95T Datasheet
406Kb / 4P
MAGNETIC BUZZER INDICATOR
11/24/2021
CT-1205CL-SMT-TR CUI-CT-1205CL-SMT-TR Datasheet
467Kb / 4P
MAGNETIC BUZZER INDICATOR
02/11/2022
CMI-1295IC-1285T CUI-CMI-1295IC-1285T Datasheet
348Kb / 4P
MAGNETIC BUZZER INDICATOR
11/13/2019
CMI-1614C-120 CUI-CMI-1614C-120_V01 Datasheet
397Kb / 4P
MAGNETIC BUZZER INDICATOR
11/22/2019
logo
CUI Devices
CMI-1265-88-SMT-TR CUID-CMI-1265-88-SMT-TR Datasheet
308Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
CMI-1275-85T CUID-CMI-1275-85T Datasheet
328Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com