データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMI-9655S-SMT-TR データシート(PDF) 3 Page - CUI Devices

部品番号 CMI-9655S-SMT-TR
部品情報  MAGNETIC BUZZER INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUID [CUI Devices]
ホームページ  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMI-9655S-SMT-TR データシート(HTML) 3 Page - CUI Devices

  CMI-9655S-SMT-TR Datasheet HTML 1Page - CUI Devices CMI-9655S-SMT-TR Datasheet HTML 2Page - CUI Devices CMI-9655S-SMT-TR Datasheet HTML 3Page - CUI Devices CMI-9655S-SMT-TR Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CUI DEVICES | MODEL: CMI-9655S-SMT-TR | DESCRIPTION: MAGNETIC BUZZER INDICATOR
date 12/15/2022 | page 3 of 4
cuidevices.com
Lot No.
Model No.
Quantity.
Pcs
Date:
G
CUI Inc
XXXXXXXXXX
XXXXXXXXXX
XXXX
DD MM YY
MADE IN CHINA
The label is placed on the inner
boxes and outer carton.
PACKAGING
units: mm
Reel Size: Ø330 mm
Carton Size: 370 x 350 x 350 mm
Reel QTY: 600 pcs per reel
Carton QTY: 6,000 pcs per carton
Additional Resources: Product Page | 3D Model | PCB Footprint


同様の部品番号 - CMI-9655S-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI INC
CMI-9655S-SMT-TR CUI-CMI-9655S-SMT-TR Datasheet
480Kb / 4P
MAGNETIC BUZZER INDICATOR
11/22/2019
More results

同様の説明 - CMI-9655S-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI INC
CMI-1275C-050 CUI-CMI-1275C-050 Datasheet
400Kb / 4P
MAGNETIC BUZZER INDICATOR
CMI-9653S-SMT CUI-CMI-9653S-SMT Datasheet
535Kb / 4P
MAGNETIC BUZZER INDICATOR
CT-1205CL-SMT CUI-CT-1205CL-SMT Datasheet
195Kb / 3P
MAGNETIC BUZZER INDICATOR
CX-0905C CUI-CX-0905C_V01 Datasheet
365Kb / 3P
MAGNETIC BUZZER INDICATOR
03/18/2020
CMI-1210-5-95T CUI-CMI-1210-5-95T Datasheet
406Kb / 4P
MAGNETIC BUZZER INDICATOR
11/24/2021
CT-1205CL-SMT-TR CUI-CT-1205CL-SMT-TR Datasheet
467Kb / 4P
MAGNETIC BUZZER INDICATOR
02/11/2022
CMI-1295IC-1285T CUI-CMI-1295IC-1285T Datasheet
348Kb / 4P
MAGNETIC BUZZER INDICATOR
11/13/2019
CMI-1614C-120 CUI-CMI-1614C-120_V01 Datasheet
397Kb / 4P
MAGNETIC BUZZER INDICATOR
11/22/2019
logo
CUI Devices
CMI-1265-88-SMT-TR CUID-CMI-1265-88-SMT-TR Datasheet
308Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
CMI-1275-85T CUID-CMI-1275-85T Datasheet
328Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com