| データシートサーチシステム |
|
MC68340 データシート(PDF) 172 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 データシート(HTML) 172 Page - Freescale Semiconductor, Inc |
|
172 / 441 page ![]() MOTOROLA MC68340 USER’S MANUAL 5- 35 First, the results of each TBL are rounded with the TBLS round-to-nearest-even algorithm. The following values would be returned by TBLS: TBL # 1 0010 0000 . TBL # 2 0011 1111 . TBL # 3 0000 0001 . Summing, the following result is obtained: 0010 0000 . 0011 1111 . 0000 0001 . 0110 0000 . Now, using the same TBL results, the sum is first calculated and then rounded according to the same algorithm: 0010 0000 . 0111 0000 0011 1111 . 0111 0000 0000 0001 . 0111 0000 0110 0001 . 0101 0000 Rounding yields: 0110 0001 . The second result is preferred. The following code sequence illustrates how addition of a series of table interpolations can be performed without loss of precision in the intermediate results: L0: TBLSN.B 〈ea〉, Dx TBLSN.B 〈ea〉, Dx TBLSN.B 〈ea〉, Dl ADD.L Dx, Dm Long addition avoids problems with carry ADD.L Dm, Dl ASR.L #8, Dl Move radix point BCC.B L1 Fraction MSB in carry ADDQ.B #1, Dl L1: . . . Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |