データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1408951 データシート(PDF) 5 Page - PHOENIX CONTACT

部品番号 1408951
部品情報  NBC-R4AC/2,0-94B/R4AC - Network cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408951 データシート(HTML) 5 Page - PHOENIX CONTACT

  1408951 Datasheet HTML 1Page - PHOENIX CONTACT 1408951 Datasheet HTML 2Page - PHOENIX CONTACT 1408951 Datasheet HTML 3Page - PHOENIX CONTACT 1408951 Datasheet HTML 4Page - PHOENIX CONTACT 1408951 Datasheet HTML 5Page - PHOENIX CONTACT 1408951 Datasheet HTML 6Page - PHOENIX CONTACT 1408951 Datasheet HTML 7Page - PHOENIX CONTACT 1408951 Datasheet HTML 8Page - PHOENIX CONTACT 1408951 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
62.3 dB (at 4 МHz)
56.3 dB (at 10 MHz)
53.2 dB (at 16 MHz)
51.8 dB (at 20 МHz)
48.9 dB (at 31.25 МHz)
44.4 dB (at 62.5 МHz)
Near end crosstalk attenuation (NEXT)
41.3 dB (at 100 MHz)
62.3 dB (with 1 MHz)
53.3 dB (at 4 МHz)
47.3 dB (at 10 MHz)
44.2 dB (at 16 MHz)
42.8 dB (at 20 МHz)
39.9 dB (at 31.25 МHz)
35.4 dB (at 62.5 МHz)
Power-summated near end crosstalk attenuation (PSNEXT)
32.3 dB (at 100 MHz)
23 dB (at 4 МHz)
24.1 dB (at 8 МHz)
25 dB (at 10 MHz)
25 dB (at 16 MHz)
25 dB (at 20 МHz)
23.6 dB (at 31.25 МHz)
21.5 dB (at 62.5 МHz)
Return loss (RL)
20.1 dB (at 100 MHz)
Halogen-free
according to IEC 60754-1
Resistance to oil
in accordance with EN 60811-2-1
Flame resistance
according to IEC 60332-1-2
-20 °C ... 80 °C (Cable, flexible installation)
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
Environmental and real-life conditions
Ambient conditions
IP20 (RJ45 connector)
Degree of protection
IP20
Ambient temperature (operation)
-20 °C ... 70 °C (RJ45 connector)
NBC-R4AC/2,0-94B/R4AC - Network cable
1408951
https://www.phoenixcontact.com/us/products/1408951
Jul 7, 2023, 6:13 AM
Page 5 (10)


同様の部品番号 - 1408951

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1408950 PHOENIX-1408950 Datasheet
383Kb / 10P
NBC-R4AC/1,0-94B/R4AC - Network cable
1408952 PHOENIX-1408952 Datasheet
383Kb / 10P
NBC-R4AC/5,0-94B/R4AC - Network cable
1408953 PHOENIX-1408953 Datasheet
339Kb / 8P
Network cable - NBC-R4AC/10,0-94B/R4AC
1408954 PHOENIX-1408954 Datasheet
400Kb / 10P
NBC-R4MC/5,0-94B/R4MC - Network cable
1408955 PHOENIX-1408955 Datasheet
404Kb / 10P
NBC-R4MC/1,0-94B/R4MC - Network cable
More results

同様の説明 - 1408951

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1403929 PHOENIX-1403929 Datasheet
275Kb / 8P
Network cable - NBC-R4AC/2,0-94Z/R4AC
Jan 11, 2023
1408953 PHOENIX-1408953 Datasheet
339Kb / 8P
Network cable - NBC-R4AC/10,0-94B/R4AC
1405856 PHOENIX-1405856 Datasheet
422Kb / 11P
Network cable - NBC-M12MR-R4AC US/94B/...
1406117 PHOENIX-1406117 Datasheet
470Kb / 11P
Network cable - NBC-M12MS/ 2,0-94B/R4AC US
1407444 PHOENIX-1407444 Datasheet
608Kb / 16P
Network cable - NBC-FS/ 2,0-94B/R4AC SCO
1408950 PHOENIX-1408950 Datasheet
383Kb / 10P
NBC-R4AC/1,0-94B/R4AC - Network cable
1407415 PHOENIX-1407415 Datasheet
611Kb / 17P
NBC-MS/ 2,0-94B/R4AC SCO - Network cable
1408934 PHOENIX-1408934 Datasheet
372Kb / 10P
NBC-R4AC/2,0-93E/R4AC - Network cable
1408952 PHOENIX-1408952 Datasheet
383Kb / 10P
NBC-R4AC/5,0-94B/R4AC - Network cable
1414428 PHOENIX-1414428 Datasheet
404Kb / 10P
NBC-R4AC/2,0-94B/R4RC - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com