データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1408951 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1408951
部品情報  NBC-R4AC/2,0-94B/R4AC - Network cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408951 データシート(HTML) 1 Page - PHOENIX CONTACT

  1408951 Datasheet HTML 1Page - PHOENIX CONTACT 1408951 Datasheet HTML 2Page - PHOENIX CONTACT 1408951 Datasheet HTML 3Page - PHOENIX CONTACT 1408951 Datasheet HTML 4Page - PHOENIX CONTACT 1408951 Datasheet HTML 5Page - PHOENIX CONTACT 1408951 Datasheet HTML 6Page - PHOENIX CONTACT 1408951 Datasheet HTML 7Page - PHOENIX CONTACT 1408951 Datasheet HTML 8Page - PHOENIX CONTACT 1408951 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Network cable, degree of protection: IP20, cable length: 2 m, number of positions: 8, 1 Gbps,
CAT5, cable outlet: straight, Ethernet
Your advantages
Compact angle
Perfect for industrial applications
PVC cable for flexible installations
Worldwide approval with CE, UL, WEEE, and EAC
Secure connection and disconnection with reliable locking clip protection
Ideal EMC properties, thanks to 360° shielding
Simultaneous power transmission with PoE++
Resistant to shock and vibrations, thanks to robust molding
High-speed data transmission with up to 1 Gbps (CAT5)
Commercial Data
Item number
1408951
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
AB11
Product Key
ABNABE
Catalog Page
Page 400 (C-2-2019)
GTIN
4046356856782
Weight per Piece (including packing)
117.96 g
Weight per Piece (excluding packing)
116 g
Customs tariff number
85444210
Country of origin
PL
NBC-R4AC/2,0-94B/R4AC - Network cable
1408951
https://www.phoenixcontact.com/us/products/1408951
Jul 7, 2023, 6:13 AM
Page 1 (10)


同様の部品番号 - 1408951

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1408950 PHOENIX-1408950 Datasheet
383Kb / 10P
   NBC-R4AC/1,0-94B/R4AC - Network cable
1408952 PHOENIX-1408952 Datasheet
383Kb / 10P
   NBC-R4AC/5,0-94B/R4AC - Network cable
1408953 PHOENIX-1408953 Datasheet
339Kb / 8P
   Network cable - NBC-R4AC/10,0-94B/R4AC
1408954 PHOENIX-1408954 Datasheet
400Kb / 10P
   NBC-R4MC/5,0-94B/R4MC - Network cable
1408955 PHOENIX-1408955 Datasheet
404Kb / 10P
   NBC-R4MC/1,0-94B/R4MC - Network cable
More results

同様の説明 - 1408951

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1414428 PHOENIX-1414428 Datasheet
404Kb / 10P
   NBC-R4AC/2,0-94B/R4RC - Network cable
1407415 PHOENIX-1407415 Datasheet
611Kb / 17P
   NBC-MS/ 2,0-94B/R4AC SCO - Network cable
1408953 PHOENIX-1408953 Datasheet
339Kb / 8P
   Network cable - NBC-R4AC/10,0-94B/R4AC
1403929 PHOENIX-1403929 Datasheet
275Kb / 8P
   Network cable - NBC-R4AC/2,0-94Z/R4AC
Jan 11, 2023
1408934 PHOENIX-1408934 Datasheet
372Kb / 10P
   NBC-R4AC/2,0-93E/R4AC - Network cable
1408952 PHOENIX-1408952 Datasheet
383Kb / 10P
   NBC-R4AC/5,0-94B/R4AC - Network cable
1408950 PHOENIX-1408950 Datasheet
383Kb / 10P
   NBC-R4AC/1,0-94B/R4AC - Network cable
1407444 PHOENIX-1407444 Datasheet
608Kb / 16P
   Network cable - NBC-FS/ 2,0-94B/R4AC SCO
1406117 PHOENIX-1406117 Datasheet
470Kb / 11P
   Network cable - NBC-M12MS/ 2,0-94B/R4AC US
1405856 PHOENIX-1405856 Datasheet
422Kb / 11P
   Network cable - NBC-M12MR-R4AC US/94B/...
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com