| データシートサーチシステム |
|
4LS10K データシート(PDF) 104 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
4LS10K データシート(HTML) 104 Page - ams AG |
|
104 / 115 page ![]() Document Feedback 4LS Package Drawings & Markings Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 103 11.2 4LS10K Mechanical Drawing Figure 149: 4LS10K Invar Package Outline Drawing – General Overview (1)(2)(3)(4) (1) All dimensions are in millimeters. Angles in degrees. (2) If not otherwise noted all tolerances are ±0.1 mm. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |