| データシートサーチシステム |
|
4LS10K データシート(PDF) 111 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
4LS10K データシート(HTML) 111 Page - ams AG |
|
111 / 115 page ![]() Document Feedback 4LS Acronyms and Abbreviations Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 110 13 Acronyms and Abbreviations Figure 155: Acronyms and Abbreviations Abbreviation / Acronym Definition ADC Analog to Digital Conversion B&W Black and White CDS Correlated Double Sampling CLK Clock CMOS Complementary Metal-Oxide Semiconductor COB Chip On Board CVC Charge to Voltage Converter DDR Double Data Rate DNL Differential Non-Linearity DSNU Dark Signal Non Uniformity DTI Down Time for Integration EB Electrical Black EK Evaluation Kit EOR End of Range ESD Electrostatic Discharge FCT Full Cycle Timing FWC Full Well Capacity FE Falling Edge FPGA Field Programmable Gate Array FSD Full Scale Deviation HBM Human Body Model INL Integral Non-Linearity LCD Liquid Crystal Display LVAL Line Valid LVDS Low-Voltage Differential Signaling LSB Least Significant Bit MCLK Main Clock Frequency MISO Master In Slave Out MOSI Master Out Slave In MSB Most Significant Bit MTA Minimum Timings Allowed PCB Printed Circuit Board PLL Phase-Locked Loop PRNU Pixel Response Non-Uniformity |