| データシートサーチシステム |
|
74HC393D-Q100 データシート(PDF) 9 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC393D-Q100 データシート(HTML) 9 Page - Nexperia B.V. All rights reserved |
|
9 / 1 page ![]() Nexperia 74HC393-Q100; 74HCT393-Q100 Dual 4-bit binary ripple counter 10.1. Waveforms 001aad537 VM VM tPLH tTLH tTHL tPHL input nCP VI GND VOH VOL 1/fmax output nQx Measurement points are given in Table 8. VOL and VOH are the typical output voltage levels that occur with the output load. Fig. 9. Propagation delays clock (nCP) to output (nQx), the output transition times and the maximum clock frequency 001aad538 output nQx VOL VOH GND VI GND VI VM tPHL VM input nMR VM tW trec input nCP Measurement points are given in Table 8. VOL and VOH are the typical output voltage levels that occur with the output load. Fig. 10. Propagation delays clock (nCP) to output (nQx), pulse width master reset (nMR), and recovery time master reset (nMR) to clock (nCP) Table 8. Measurement points Input Output Type VM VM 74HC393-Q100 0.5VCC 0.5VCC 74HCT393-Q100 1.3 V 1.3 V 74HC_HCT393_Q100 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 3 — 22 October 2021 9 / 16 |