データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMC-5044TF-A データシート(PDF) 4 Page - CUI Devices

部品番号 CMC-5044TF-A
部品情報  ELECTRET CONDENSER MICROPHONE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUID [CUI Devices]
ホームページ  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMC-5044TF-A データシート(HTML) 4 Page - CUI Devices

  CMC-5044TF-A Datasheet HTML 1Page - CUI Devices CMC-5044TF-A Datasheet HTML 2Page - CUI Devices CMC-5044TF-A Datasheet HTML 3Page - CUI Devices CMC-5044TF-A Datasheet HTML 4Page - CUI Devices CMC-5044TF-A Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CUI DEVICES | MODEL: CMC-5044TF-A | DESCRIPTION: ELECTRET CONDENSER MICROPHONE
date 08/05/2022 | page 4 of 5
cuidevices.com
PACKAGING
Small Box Size: 63 x 63 x 8 mm
Medium Box Size: 125 x 65 x 45 mm
Carton Size: 230 x 230 x 270 mm
Small Box QTY: 100 pcs per box
Carton QTY: 40,000 pcs per carton
Additional Resources: Product Page | 3D Model


同様の部品番号 - CMC-5044TF-A

メーカー部品番号データシート部品情報
logo
CUI INC
CMC-5044TF-A CUI-CMC-5044TF-A Datasheet
1Mb / 4P
electret condenser microphone
More results

同様の説明 - CMC-5044TF-A

メーカー部品番号データシート部品情報
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
ELECTRET CONDENSER MICROPHONE
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
Electret Condenser Microphone
logo
CUI INC
CMC-9745-L100 CUI-CMC-9745-L100 Datasheet
433Kb / 4P
ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com