データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMC-6022-42P データシート(PDF) 1 Page - CUI Devices

部品番号 CMC-6022-42P
部品情報  ELECTRET CONDENSER MICROPHONE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUID [CUI Devices]
ホームページ  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMC-6022-42P データシート(HTML) 1 Page - CUI Devices

  CMC-6022-42P Datasheet HTML 1Page - CUI Devices CMC-6022-42P Datasheet HTML 2Page - CUI Devices CMC-6022-42P Datasheet HTML 3Page - CUI Devices CMC-6022-42P Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CMC-6022-42P | DESCRIPTION: ELECTRET CONDENSER MICROPHONE
cuidevices.com
FEATURES
• omnidirectional
• 6 mm diameter
• pin mount
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
directivity
omnidirectional
sensitivity (S)
f = 1 kHz, 1 Pa, 0 dB = 1 V/Pa
-45
-42
-39
dB
standard operating voltage (Vs)
2
Vdc
max operating voltage
10
Vdc
output impedance (Zout)
f = 1 kHz, 1 Pa
2.2
sensitivity reduction (∆S-Vs)
f = 1 kHz, 1 Pa, Vs = 2.0 ~ 1.5 Vdc
-3
dB
frequency (f)
20
20,000
Hz
current consumption (IDSS)
Vs = 2.0 Vdc, RL = 2.2 kΩ
0.5
mA
signal to noise ratio (S/N)
f = 1 kHz, 1 Pa, A-weighted
58
dBA
dimensions
Ø6.0 x 2.2
mm
material
Al
terminal
pin type
weight
0.2
g
operating temperature
-20
70
°C
storage temperature
-20
70
°C
RoHS
yes
Notes:
1. We use the “Pascal (Pa)” indication of sensitivity as per the recomendation of I.E.C. (International Electrotechnical Commission). The sensitivity of “Pa” will increase
20 dB compared to the “ubar” indication. Example: -60 dB (0 dB = 1 V/ubar) = -40 dB ( 1V/Pa)
2. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106 kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 2 ± 0.5 seconds
270
280
290
°C
Additional Resources: Product Page | 3D Model | PCB Footprint


同様の部品番号 - CMC-6022-42P

メーカー部品番号データシート部品情報
logo
CUI INC
CMC-6022-42P CUI-CMC-6022-42P Datasheet
605Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results

同様の説明 - CMC-6022-42P

メーカー部品番号データシート部品情報
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
   Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
logo
CUI INC
CMC-9745-L100 CUI-CMC-9745-L100 Datasheet
433Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com