データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BT138B データシート(PDF) 2 Page - NXP Semiconductors

部品番号 BT138B
部品情報  Triacs sensitive gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT138B データシート(HTML) 2 Page - NXP Semiconductors

  BT138B Datasheet HTML 1Page - NXP Semiconductors BT138B Datasheet HTML 2Page - NXP Semiconductors BT138B Datasheet HTML 3Page - NXP Semiconductors BT138B Datasheet HTML 4Page - NXP Semiconductors BT138B Datasheet HTML 5Page - NXP Semiconductors BT138B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT138B series
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance
full cycle
-
-
1.5
K/W
junction to mounting base
half cycle
-
-
2.0
K/W
R
th j-a
Thermal resistance
minimum footprint, FR4 board
-
55
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BT138B-
...
...F
...G
I
GT
Gate trigger current
V
D = 12 V; IT = 0.1 A
T2+ G+
-
5
35
25
50
mA
T2+ G-
-
8
35
25
50
mA
T2- G-
-
10
35
25
50
mA
T2- G+
-
22
70
70
100
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
7
40
40
60
mA
T2+ G-
-
20
60
60
90
mA
T2- G-
-
8
40
40
60
mA
T2- G+
-
10
60
60
90
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
6
30
30
60
mA
V
T
On-state voltage
I
T = 15 A
-
1.4
1.65
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A;
0.25
0.4
-
V
T
j = 125 ˚C
I
D
Off-state leakage current
V
D = VDRM(max);
-
0.1
0.5
mA
T
j = 125 ˚C
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BT138B-
...
...F
...G
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max);
100
50
200
250
-
V/
µs
off-state voltage
T
j = 125 ˚C; exponential
waveform; gate open
circuit
dV
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 95 ˚C;
-
-
10
20
-
V/
µs
commutating voltage
I
T(RMS) = 12 A;
dI
com/dt = 5.4 A/ms; gate
open circuit
t
gt
Gate controlled turn-on
I
TM = 16 A; VD = VDRM(max);-
-
-
2
-
µs
time
I
G = 0.1 A; dIG/dt = 5 A/µs
October 1997
2
Rev 1.200


同様の部品番号 - BT138B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
BT138B-500 PHILIPS-BT138B-500 Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
BT138B-500E PHILIPS-BT138B-500E Datasheet
55Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
BT138B-500F PHILIPS-BT138B-500F Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
BT138B-500G PHILIPS-BT138B-500G Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
More results

同様の説明 - BT138B

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com