データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BT138B データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BT138B
部品情報  Triacs sensitive gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT138B データシート(HTML) 3 Page - NXP Semiconductors

  BT138B Datasheet HTML 1Page - NXP Semiconductors BT138B Datasheet HTML 2Page - NXP Semiconductors BT138B Datasheet HTML 3Page - NXP Semiconductors BT138B Datasheet HTML 4Page - NXP Semiconductors BT138B Datasheet HTML 5Page - NXP Semiconductors BT138B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT138B series
Fig.1. Maximum on-state dissipation, P
tot, versus rms
on-state current, I
T(RMS), where α = conduction angle.
Fig.2. Maximum permissible non-repetitive peak
on-state current I
TSM, versus pulse width tp, for
sinusoidal currents, t
p ≤ 20ms.
Fig.3. Maximum permissible non-repetitive peak
on-state current I
TSM, versus number of cycles, for
sinusoidal currents, f = 50 Hz.
Fig.4. Maximum permissible rms current I
T(RMS) ,
versus mounting base temperature T
mb.
Fig.5. Maximum permissible repetitive rms on-state
current I
T(RMS), versus surge duration, for sinusoidal
currents, f = 50 Hz; T
mb ≤ 99˚C.
Fig.6. Normalised gate trigger voltage
V
GT(Tj)/ VGT(25˚C), versus junction temperature Tj.
0
5
10
15
0
5
10
15
20
= 180
120
90
60
30
BT138
IT(RMS) / A
Ptot / W
Tmb(max) / C
125
117.5
110
102.5
95
1
-50
0
50
100
150
0
5
10
15
BT138
99 C
Tmb / C
IT(RMS) / A
10us
100us
1ms
10ms
100ms
10
100
1000
BT138
T / s
ITSM / A
T
ITSM
time
I
Tj initial = 25 C max
T
dI /dt limit
T
T2- G+ quadrant
0.01
0.1
1
10
0
5
10
15
20
25
BT138
surge duration / s
IT(RMS) / A
1
10
100
1000
0
20
40
60
80
100
BT138
Number of cycles at 50Hz
ITSM / A
T
ITSM
time
I
Tj initial = 25 C max
T
-50
0
50
100
150
0.4
0.6
0.8
1
1.2
1.4
1.6
BT136
Tj / C
VGT(Tj)
VGT(25 C)
October 1997
3
Rev 1.200


同様の部品番号 - BT138B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
BT138B-500 PHILIPS-BT138B-500 Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
BT138B-500E PHILIPS-BT138B-500E Datasheet
55Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
BT138B-500F PHILIPS-BT138B-500F Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
BT138B-500G PHILIPS-BT138B-500G Datasheet
52Kb / 6P
   Triacs
October 1997 Rev 1.200
More results

同様の説明 - BT138B

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com