データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1431270 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1431270
部品情報  SAC-4P-M12MS/ 1,0-960/M12FS VA - Bus system cable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1431270 データシート(HTML) 2 Page - PHOENIX CONTACT

  1431270 Datasheet HTML 1Page - PHOENIX CONTACT 1431270 Datasheet HTML 2Page - PHOENIX CONTACT 1431270 Datasheet HTML 3Page - PHOENIX CONTACT 1431270 Datasheet HTML 4Page - PHOENIX CONTACT 1431270 Datasheet HTML 5Page - PHOENIX CONTACT 1431270 Datasheet HTML 6Page - PHOENIX CONTACT 1431270 Datasheet HTML 7Page - PHOENIX CONTACT 1431270 Datasheet HTML 8Page - PHOENIX CONTACT 1431270 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Technical Data
Notes
General
Further products with variable cable type and variable cable
length can be found in the accessories section
Product properties
Product type
Data cable preassembled
Sensor type
FOUNDATION Fieldbus
Number of positions
3
Application
Process technology
No. of cable outlets
1
Shielded
yes
Coding
A
Insulation characteristics
Overvoltage category
II
Degree of pollution
3
Interfaces
Bus system
FOUNDATION Fieldbus
Signal type/category
FOUNDATION Fieldbus, 31.25 kbps
Signaling
Status display
No
Status display present
No
Electrical properties
Contact resistance
≤ 5 mΩ
Insulation resistance
≥ 100 MΩ
48 V AC
Nominal voltage UN
60 V DC
Nominal current IN
4 A
Transmission medium
Copper
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
≥ 100
Material specifications
Color Handle area
black
Flammability rating according to UL 94
HB
Seal material
NBR
Material of grip body
TPU, hardly inflammable, self-extinguishing
SAC-4P-M12MS/ 1,0-960/M12FS VA - Bus system
cable
1431270
https://www.phoenixcontact.com/us/products/1431270
Jul 11, 2023, 4:58 AM
Page 2 (15)


同様の部品番号 - 1431270

メーカー部品番号データシート部品情報
logo
Heyco.
14312 HEYCO-14312 Datasheet
77Kb / 1P
   Push Latches
logo
PHOENIX CONTACT
1431212 PHOENIX-1431212 Datasheet
530Kb / 14P
   SAC-4P- 2,0-960/M12FS VA - Bus system cable
1431225 PHOENIX-1431225 Datasheet
530Kb / 14P
   SAC-4P- 5,0-960/M12FS VA - Bus system cable
1431238 PHOENIX-1431238 Datasheet
501Kb / 14P
   SAC-4P-10,0-960/M12FS VA - Bus system cable
1431241 PHOENIX-1431241 Datasheet
530Kb / 14P
   SAC-4P-15,0-960/M12FS VA - Bus system cable
More results

同様の説明 - 1431270

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1431267 PHOENIX-1431267 Datasheet
614Kb / 15P
   SAC-4P-M12MS/ 0,5-960/M12FS VA - Bus system cable
1431283 PHOENIX-1431283 Datasheet
616Kb / 16P
   SAC-4P-M12MS/ 2,0-960/M12FS VA - Bus system cable
1431306 PHOENIX-1431306 Datasheet
616Kb / 16P
   SAC-4P-M12MS/10,0-960/M12FS VA - Bus system cable
1431296 PHOENIX-1431296 Datasheet
173Kb / 12P
   Bus system cable - SAC-4P-M12MS/ 5,0-960/M12FS VA
09/11/2020
1431212 PHOENIX-1431212 Datasheet
530Kb / 14P
   SAC-4P- 2,0-960/M12FS VA - Bus system cable
1431241 PHOENIX-1431241 Datasheet
530Kb / 14P
   SAC-4P-15,0-960/M12FS VA - Bus system cable
1431238 PHOENIX-1431238 Datasheet
501Kb / 14P
   SAC-4P-10,0-960/M12FS VA - Bus system cable
1558425 PHOENIX-1558425 Datasheet
424Kb / 10P
   SAC-4P-M12MS/ 1,0-990/M12FS - Bus system cable
1431225 PHOENIX-1431225 Datasheet
530Kb / 14P
   SAC-4P- 5,0-960/M12FS VA - Bus system cable
1431186 PHOENIX-1431186 Datasheet
535Kb / 14P
   SAC-4P-M12MS/ 5,0-960 VA - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com