データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GWIXC1100BDT データシート(PDF) 105 Page - Intel Corporation

部品番号 GWIXC1100BDT
部品情報  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXC1100BDT データシート(HTML) 105 Page - Intel Corporation

Back Button GWIXC1100BDT Datasheet HTML 101Page - Intel Corporation GWIXC1100BDT Datasheet HTML 102Page - Intel Corporation GWIXC1100BDT Datasheet HTML 103Page - Intel Corporation GWIXC1100BDT Datasheet HTML 104Page - Intel Corporation GWIXC1100BDT Datasheet HTML 105Page - Intel Corporation GWIXC1100BDT Datasheet HTML 106Page - Intel Corporation GWIXC1100BDT Datasheet HTML 107Page - Intel Corporation GWIXC1100BDT Datasheet HTML 108Page - Intel Corporation GWIXC1100BDT Datasheet HTML 109Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
105
Figure 29.
Intel® Simplex Read Mode
Figure 30.
Intel® Simplex Write Mode
EX_CLK
EX_CS_N[0]
EX_ADDR[23:0]
EX_RD_N
EX_DATA[15:0]
Intel
® Simplex Read Mode
Valid Data
Valid Address
Trecov
Trdsetup
Trdhold
1-4 Cycles
1-4 Cycles
1-16 Cycles
1-4 Cycles
1-16 Cycles
T1
T2
T3
T4
T5
EX_IOWAIT_N
B3749-002
EX_CLK
EX_CS_N[0]
EX_ADDR[23:0]
Intel
® Simplex Write Mode
EX_WR_N
Valid Address
Trecov
EX_DATA[15:0]
Valid Data
Tdval2valwrt
Taddr2valcs
Twrpulse
1-4 Cycles
1-4 Cycles
1-16 Cycles
1-4 Cycles
1-16 Cycles
T1
T2
T3
T4
T5
EX_IOWAIT_N
Tdhold2afterwr
B3750-002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More