データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BSH202 データシート(PDF) 6 Page - Nexperia B.V. All rights reserved

部品番号 BSH202
部品情報  P-channel enhancement mode MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSH202 データシート(HTML) 6 Page - Nexperia B.V. All rights reserved

  BSH202 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSH202 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSH202 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSH202 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSH202 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSH202 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSH202 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSH202 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH202
MOS transistor
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG)
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
BSH202
-14
-12
-10
-8
-6
-4
-2
0
01234
Gate charge, (nC)
Gate-source voltage, VGS (V)
VDD = 15 V
RD = 50 Ohms
Tj = 25 C
BSH202
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
Drain-Source Voltage, VSDS (V)
Source-Drain Diode Current, IF (A)
Tj = 25 C
150 C
August 1998
5
Rev 1.000


同様の部品番号 - BSH202

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BSH202 PHILIPS-BSH202 Datasheet
138Kb / 7P
P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
More results

同様の説明 - BSH202

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BSH201 PHILIPS-BSH201 Datasheet
150Kb / 7P
P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH202 PHILIPS-BSH202 Datasheet
138Kb / 7P
P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH205 PHILIPS-BSH205 Datasheet
143Kb / 7P
P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH206 PHILIPS-BSH206 Datasheet
144Kb / 7P
P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH207 PHILIPS-BSH207 Datasheet
155Kb / 7P
P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
PHP1035 PHILIPS-PHP1035 Datasheet
51Kb / 8P
P-channel enhancement mode MOS transistor
1998 Feb 18
PHP109 PHILIPS-PHP109 Datasheet
101Kb / 12P
P-channel enhancement mode MOS transistor
1997 Jun 18
PHP125 PHILIPS-PHP125 Datasheet
105Kb / 12P
P-channel enhancement mode MOS transistor
1997 Jun 18
logo
Nexperia B.V. All right...
BSH201 NEXPERIA-BSH201 Datasheet
238Kb / 8P
P-channel enhancement mode MOS transistor
August 1998
BSH203 NEXPERIA-BSH203 Datasheet
236Kb / 8P
P-channel enhancement mode MOS transistor
August 1998
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com