データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1622661 データシート(PDF) 4 Page - PHOENIX CONTACT

部品番号 1622661
部品情報  Photovoltaic connector - PV-CF-C-HSG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1622661 データシート(HTML) 4 Page - PHOENIX CONTACT

  1622661 Datasheet HTML 1Page - PHOENIX CONTACT 1622661 Datasheet HTML 2Page - PHOENIX CONTACT 1622661 Datasheet HTML 3Page - PHOENIX CONTACT 1622661 Datasheet HTML 4Page - PHOENIX CONTACT 1622661 Datasheet HTML 5Page - PHOENIX CONTACT 1622661 Datasheet HTML 6Page - PHOENIX CONTACT 1622661 Datasheet HTML 7Page - PHOENIX CONTACT 1622661 Datasheet HTML 8Page - PHOENIX CONTACT 1622661 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Contact surface material
Ag
Contact carrier material
PPE
O-ring material
Silopren LSR 2660
Material for screw connection
PPE
Housing material
PPE
Cable / line
Cable type
H1Z2Z2-K lines
5.5 mm ... 8 mm
External cable diameter
5.5 mm ... 8 mm
Single wire, cross section
2.5 mm² 6 mm²
Cable pull-out force
> 80 N (IEC 62852:2014)
Mechanical properties
Outside conductor diameter
5.5 mm 8 mm
Mechanical data
Outside conductor diameter
5.5 mm 8 mm
Insertion/withdrawal cycles
100
Insertion force
45 N ±10 N
Withdrawal force
250 N ±50 N (when locked)
Environmental and real-life conditions
Ambient conditions
Degree of protection (when plugged in)
IP66 / IP68 (2 m / 24 h)
Degree of protection
IP66 / IP68 (2 m / 24 h)
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (assembly)
-25 °C ... 50 °C
Photovoltaic connector - PV-CF-C-HSG
1622661
https://www.phoenixcontact.com/us/products/1622661
Feb 10, 2023, 7:26 AM
Page 4 (10)


同様の部品番号 - 1622661

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
   Photovoltaic connector - PV-CM-C-HSG
09/12/2020
More results

同様の説明 - 1622661

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
   Photovoltaic connector - PV-CM-C-HSG
09/12/2020
1704925 PHOENIX-1704925 Datasheet
61Kb / 3P
   Photovoltaic connector - PV-FT-C2M-HSG
1704926 PHOENIX-1704926 Datasheet
55Kb / 3P
   Photovoltaic connector - PV-FT-C2F-HSG
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-6-500-BK
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1705995 PHOENIX-1705995 Datasheet
76Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-300-BU
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-130-BU
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-4-130-BU
1623071 PHOENIX-1623071 Datasheet
58Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-2,5-170-BU-FE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com