データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1622661 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1622661
部品情報  Photovoltaic connector - PV-CF-C-HSG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1622661 データシート(HTML) 1 Page - PHOENIX CONTACT

  1622661 Datasheet HTML 1Page - PHOENIX CONTACT 1622661 Datasheet HTML 2Page - PHOENIX CONTACT 1622661 Datasheet HTML 3Page - PHOENIX CONTACT 1622661 Datasheet HTML 4Page - PHOENIX CONTACT 1622661 Datasheet HTML 5Page - PHOENIX CONTACT 1622661 Datasheet HTML 6Page - PHOENIX CONTACT 1622661 Datasheet HTML 7Page - PHOENIX CONTACT 1622661 Datasheet HTML 8Page - PHOENIX CONTACT 1622661 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Photovoltaic connector, Range of articles: SUNCLIX, Photovoltaic connector, housing material:
PPE, color: black, number of positions: 1, min. conductor cross section: 2.5 mm2, max.
conductor cross section: 6 mm2, rated voltage: 1500 V, rated current: 20 A, Connection method:
Crimp, Type of contact: Socket, min. cable diameter: 5.5 mm, max. cable diameter: 8 mm
Your advantages
High-quality materials ensure a high degree of reliability and long-term stability
Maximum system efficiency with proven, low-loss SUNCLIX contacts
International approvals enable worldwide use
Commercial Data
Item number
1622661
Packing unit
1 pc
Minimum order quantity
50 pc
Note
Made to Order (non-returnable)
Sales Key
A16
Product Key
ABLBBB
GTIN
4055626056418
Weight per Piece (including packing)
10.47 g
Weight per Piece (excluding packing)
9.815 g
Customs tariff number
85359000
Country of origin
DE
Photovoltaic connector - PV-CF-C-HSG
1622661
https://www.phoenixcontact.com/us/products/1622661
Feb 10, 2023, 7:26 AM
Page 1 (10)


同様の部品番号 - 1622661

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
   Photovoltaic connector - PV-CM-C-HSG
09/12/2020
More results

同様の説明 - 1622661

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
   Photovoltaic connector - PV-CM-C-HSG
09/12/2020
1704925 PHOENIX-1704925 Datasheet
61Kb / 3P
   Photovoltaic connector - PV-FT-C2M-HSG
1704926 PHOENIX-1704926 Datasheet
55Kb / 3P
   Photovoltaic connector - PV-FT-C2F-HSG
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-6-500-BK
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1705995 PHOENIX-1705995 Datasheet
76Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-300-BU
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-130-BU
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-4-130-BU
1623071 PHOENIX-1623071 Datasheet
58Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-2,5-170-BU-FE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com