データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

70046 データシート(PDF) 2 Page - Belden Inc.

部品番号 70046
部品情報  Speaker Cable LSZH 2x2.5mm², CPR Dca.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BELDEN [Belden Inc.]
ホームページ  https://www.belden.com/
Logo BELDEN - Belden Inc.

70046 データシート(HTML) 2 Page - Belden Inc.

  70046 Datasheet HTML 1Page - Belden Inc. 70046 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UK Regulation Compliance:
UKCA Mark
History
Update and Revision:
Revision Number: 0.183 Revision Date: 03-04-2023
Part Numbers
Variants
Item #
Color Putup Type Length
EAN
70046.00100 Black
Reel
100 m
8719605009890
70046.00500 Black
Reel
500 m
8719605009906
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


同様の部品番号 - 70046

メーカー部品番号データシート部品情報
logo
3M Electronics
70046 3M-70046 Datasheet
261Kb / 2P
   3M Moisture Barrier Bag Dri-Shield 2000
logo
Belden Inc.
70046LV BELDEN-70046LV Datasheet
222Kb / 2P
   Speaker Cable LSZH 2x2.5mm², CPR B2ca.
12-20-2022
70046LV.00100 BELDEN-70046LV.00100 Datasheet
222Kb / 2P
   Speaker Cable LSZH 2x2.5mm², CPR B2ca.
12-20-2022
70046LV.00500 BELDEN-70046LV.00500 Datasheet
222Kb / 2P
   Speaker Cable LSZH 2x2.5mm², CPR B2ca.
12-20-2022
70046LV.01100 BELDEN-70046LV.01100 Datasheet
222Kb / 2P
   Speaker Cable LSZH 2x2.5mm², CPR B2ca.
12-20-2022
More results

同様の説明 - 70046

メーカー部品番号データシート部品情報
logo
Belden Inc.
46381NH BELDEN-46381NH Datasheet
215Kb / 2P
   Speaker Cable LSZH 2x2.5mm², CPR Eca.
12-19-2022
70046LW BELDEN-70046LW Datasheet
222Kb / 2P
   Speaker Cable LSZH 2x2.5mm², CPR Cca.
11-09-2022
70046LV BELDEN-70046LV Datasheet
222Kb / 2P
   Speaker Cable LSZH 2x2.5mm², CPR B2ca.
12-20-2022
70047 BELDEN-70047 Datasheet
237Kb / 2P
   Speaker Cable LSZH 4x2.5mm², CPR Dca.
12-16-2022
70048 BELDEN-70048 Datasheet
222Kb / 2P
   Speaker Cable LSZH 2x4.0mm², CPR Dca.
12-19-2022
70045 BELDEN-70045 Datasheet
222Kb / 2P
   Speaker Cable LSZH 2x1.5mm², CPR Dca.
03-04-2023
BE46381 BELDEN-BE46381 Datasheet
189Kb / 2P
   Speaker Cable PVC 2x2.5mm², CPR Eca.
12-19-2022
70086 BELDEN-70086 Datasheet
220Kb / 2P
   Speaker Cable LSZH 2x6.0mm², CPR Eca.
12-19-2022
70086LV BELDEN-70086LV Datasheet
220Kb / 2P
   Speaker Cable LSZH 2x6.0mm², CPR B2ca.
11-09-2022
46379NH BELDEN-46379NH Datasheet
243Kb / 2P
   Speaker Cable LSZH 4x2.5mm², CPR Eca.
12-19-2022
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com