| データシートサーチシステム |
|
CST12.0MTWA データシート(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
CST12.0MTWA データシート(HTML) 142 Page - STMicroelectronics |
|
142 / 153 page ![]() ST72334J/N, ST72314J/N, ST72124J 142/153 and PPORT is the port power dissipation determined by the user. 2. The average chip-junction temperature can be obtained from the formula TJ = TA + PD x RthJA. Symbol Ratings Value Unit RthJA Package thermal resistance (junction to ambient) TQFP64 SDIP56 TQFP44 SDIP42 60 45 52 55 °C/W PD Power dissipation 1) 500 mW TJmax Maximum junction temperature 2) 150 °C |