データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1407457 データシート(PDF) 4 Page - PHOENIX CONTACT

部品番号 1407457
部品情報  NBC-FS/ 5,0-94B/R4RC SCO - Network cable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407457 データシート(HTML) 4 Page - PHOENIX CONTACT

  1407457 Datasheet HTML 1Page - PHOENIX CONTACT 1407457 Datasheet HTML 2Page - PHOENIX CONTACT 1407457 Datasheet HTML 3Page - PHOENIX CONTACT 1407457 Datasheet HTML 4Page - PHOENIX CONTACT 1407457 Datasheet HTML 5Page - PHOENIX CONTACT 1407457 Datasheet HTML 6Page - PHOENIX CONTACT 1407457 Datasheet HTML 7Page - PHOENIX CONTACT 1407457 Datasheet HTML 8Page - PHOENIX CONTACT 1407457 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Wire diameter incl. insulation
0.96 mm
External cable diameter
6.4 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
water blue RAL 5021
Conductor material
Bare Cu litz wires
Material wire insulation
Foamed PE
Single wire, color
white/blue-blue, white/orange-orange, white/green-green,
white/brown-brown
Thickness, outer sheath
1.05 mm
Twisted pairs
2 cores to the pair
Overall twist
4 pairs for core
Optical shield covering
70 %
Insulation resistance
≥ 5 GΩ*km
Coupling resistance
≤ 100.00 mΩ/m (at 10 MHz)
Loop resistance
≤ 290.00 Ω/km
Wave impedance
100 Ω ±5 Ω (at 100 MHz)
Cable capacity
48 nF/km (at 1 kHz)
Nominal voltage, cable
≤ 100 V
Test voltage Core/Core
700 V (50 Hz, 1 min.)
Test voltage Core/Shield
700 V (50 Hz, 1 min.)
Minimum bending radius, fixed installation
4 x D
Minimum bending radius, flexible installation
8 x D
Tensile strength
≤ 100 N
71.3 dB (with 1 MHz)
62.3 dB (at 4 МHz)
56.3 dB (at 10 MHz)
53.2 dB (at 16 MHz)
51.8 dB (at 20 МHz)
48.9 dB (at 31.25 МHz)
44.4 dB (at 62.5 МHz)
Near end crosstalk attenuation (NEXT)
41.3 dB (at 100 MHz)
62.3 dB (with 1 MHz)
53.3 dB (at 4 МHz)
47.3 dB (at 10 MHz)
44.2 dB (at 16 MHz)
42.8 dB (at 20 МHz)
39.9 dB (at 31.25 МHz)
35.4 dB (at 62.5 МHz)
Power-summated near end crosstalk attenuation (PSNEXT)
32.3 dB (at 100 MHz)
23 dB (at 4 МHz)
24.1 dB (at 8 МHz)
25 dB (at 10 MHz)
25 dB (at 16 MHz)
25 dB (at 20 МHz)
Return loss (RL)
NBC-FS/ 5,0-94B/R4RC SCO - Network cable
1407457
https://www.phoenixcontact.com/us/products/1407457
Sep 11, 2023, 6:07 AM
Page 4 (19)


同様の部品番号 - 1407457

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1407451 PHOENIX-1407451 Datasheet
638Kb / 17P
   NBC-FS/ 1,0-94B/R4MC SCO - Network cable
1407452 PHOENIX-1407452 Datasheet
638Kb / 17P
   NBC-FS/ 2,0-94B/R4MC SCO - Network cable
1407453 PHOENIX-1407453 Datasheet
606Kb / 16P
   NBC-FS/ 5,0-94B/R4MC SCO - Network cable
1407454 PHOENIX-1407454 Datasheet
638Kb / 17P
   NBC-FS/10,0-94B/R4MC SCO - Network cable
1407455 PHOENIX-1407455 Datasheet
705Kb / 18P
   NBC-FS/ 1,0-94B/R4RC SCO - Network cable
More results

同様の説明 - 1407457

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1407456 PHOENIX-1407456 Datasheet
705Kb / 18P
   NBC-FS/ 2,0-94B/R4RC SCO - Network cable
1407455 PHOENIX-1407455 Datasheet
705Kb / 18P
   NBC-FS/ 1,0-94B/R4RC SCO - Network cable
1407458 PHOENIX-1407458 Datasheet
705Kb / 18P
   NBC-FS/10,0-94B/R4RC SCO - Network cable
1407441 PHOENIX-1407441 Datasheet
953Kb / 28P
   NBC- 5,0-94B/FS SCO - Network cable
1407461 PHOENIX-1407461 Datasheet
708Kb / 19P
   NBC-FS/ 5,0-94B/R4QC SCO - Network cable
1407453 PHOENIX-1407453 Datasheet
606Kb / 16P
   NBC-FS/ 5,0-94B/R4MC SCO - Network cable
1408959 PHOENIX-1408959 Datasheet
395Kb / 10P
   NBC-R4RC/5,0-94B/R4RC - Network cable
1407465 PHOENIX-1407465 Datasheet
685Kb / 19P
   NBC-MS/ 5,0-94B/FS SCO - Network cable
1407445 PHOENIX-1407445 Datasheet
607Kb / 16P
   NBC-FS/ 5,0-94B/R4AC SCO - Network cable
1408745 PHOENIX-1408745 Datasheet
372Kb / 10P
   Network cable - NBC- 5,0-94B/FS SCO US
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com