データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1407457 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1407457
部品情報  NBC-FS/ 5,0-94B/R4RC SCO - Network cable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407457 データシート(HTML) 2 Page - PHOENIX CONTACT

  1407457 Datasheet HTML 1Page - PHOENIX CONTACT 1407457 Datasheet HTML 2Page - PHOENIX CONTACT 1407457 Datasheet HTML 3Page - PHOENIX CONTACT 1407457 Datasheet HTML 4Page - PHOENIX CONTACT 1407457 Datasheet HTML 5Page - PHOENIX CONTACT 1407457 Datasheet HTML 6Page - PHOENIX CONTACT 1407457 Datasheet HTML 7Page - PHOENIX CONTACT 1407457 Datasheet HTML 8Page - PHOENIX CONTACT 1407457 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Technical data
Notes
General
Further products with variable cable type and variable cable
length can be found in the accessories section
Product properties
Product type
Data cable preassembled
Sensor type
Ethernet
Number of positions
8
Application
Standard
Shielded
yes
Coding
A
Interfaces
Bus system
Ethernet
Signal type/category
Ethernet CAT5 (based on IEC 11801), 1 Gbps
Signaling
Status display
No
Status display present
No
Electrical properties
30 V AC
Nominal voltage UN
30 V DC
Nominal current IN
1 A
Transmission medium
Copper
Transmission characteristics (category)
CAT5 (IEC 11801:2002)
Material specifications
Seal material
NBR
Connector
Connection 1
Type
Plug straight RJ45 Push Pull / IP67
Number of positions
8 (8)
Handle color
silver
CuSn (Contact)
Ni/Au (Contact surface)
PC (Contact carriers)
Material
Zinc die-cast, nickel-plated (Housing)
Insertion/withdrawal cycles
≥ 750
Degree of protection
IP67
Ambient temperature (operation)
-40 °C ... 70 °C
NBC-FS/ 5,0-94B/R4RC SCO - Network cable
1407457
https://www.phoenixcontact.com/us/products/1407457
Sep 11, 2023, 6:07 AM
Page 2 (19)


同様の部品番号 - 1407457

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1407451 PHOENIX-1407451 Datasheet
638Kb / 17P
   NBC-FS/ 1,0-94B/R4MC SCO - Network cable
1407452 PHOENIX-1407452 Datasheet
638Kb / 17P
   NBC-FS/ 2,0-94B/R4MC SCO - Network cable
1407453 PHOENIX-1407453 Datasheet
606Kb / 16P
   NBC-FS/ 5,0-94B/R4MC SCO - Network cable
1407454 PHOENIX-1407454 Datasheet
638Kb / 17P
   NBC-FS/10,0-94B/R4MC SCO - Network cable
1407455 PHOENIX-1407455 Datasheet
705Kb / 18P
   NBC-FS/ 1,0-94B/R4RC SCO - Network cable
More results

同様の説明 - 1407457

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1407456 PHOENIX-1407456 Datasheet
705Kb / 18P
   NBC-FS/ 2,0-94B/R4RC SCO - Network cable
1407455 PHOENIX-1407455 Datasheet
705Kb / 18P
   NBC-FS/ 1,0-94B/R4RC SCO - Network cable
1407458 PHOENIX-1407458 Datasheet
705Kb / 18P
   NBC-FS/10,0-94B/R4RC SCO - Network cable
1407441 PHOENIX-1407441 Datasheet
953Kb / 28P
   NBC- 5,0-94B/FS SCO - Network cable
1407461 PHOENIX-1407461 Datasheet
708Kb / 19P
   NBC-FS/ 5,0-94B/R4QC SCO - Network cable
1407453 PHOENIX-1407453 Datasheet
606Kb / 16P
   NBC-FS/ 5,0-94B/R4MC SCO - Network cable
1408959 PHOENIX-1408959 Datasheet
395Kb / 10P
   NBC-R4RC/5,0-94B/R4RC - Network cable
1407465 PHOENIX-1407465 Datasheet
685Kb / 19P
   NBC-MS/ 5,0-94B/FS SCO - Network cable
1407445 PHOENIX-1407445 Datasheet
607Kb / 16P
   NBC-FS/ 5,0-94B/R4AC SCO - Network cable
1408745 PHOENIX-1408745 Datasheet
372Kb / 10P
   Network cable - NBC- 5,0-94B/FS SCO US
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com