| データシートサーチシステム |
|
ST72104G データシート(PDF) 136 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72104G データシート(HTML) 136 Page - STMicroelectronics |
|
136 / 140 page ![]() ST72104G, ST72215G, ST72216G, ST72254G 136/140 16.3 DEVELOPMENT TOOLS STmicroelectronics offers a range of hardware and software development tools for the ST7 micro- controller family. Full details of tools available for the ST7 from third party manufacturers can be ob- tain from the STMicroelectronics Internet site: ª http//mcu.st.com. Third Party Tools s ACTUM s BP s COSMIC s CMX s DATA I/O s HITEX s HIWARE s ISYSTEM s KANDA s LEAP Tools from these manufacturers include C compli- ers, emulators and gang programmers. STMicroelectronics Tools Three types of development tool are offered by ST, all of them connect to a PC via a parallel (LPT) port: see Table 27 and Table 28 for more details. Table 27. STMicroelectronics Tool Features Table 28. Dedicated STMicroelectronics Development Tools Note: 1. In-Situ Programming (ISP) interface for FLASH devices. In-Circuit Emulation Programming Capability1) Software Included ST7 Development Kit Yes. (Same features as HDS2 emulator but without logic analyzer) Yes (DIP packages only) ST7 CD ROM with: – ST7 Assembly toolchain – STVD7 and WGDB7 powerful Source Level Debugger for Win 3.1, Win 95 and NT – C compiler demo versions – ST Realizer for Win 3.1 and Win 95. – Windows Programming Tools for Win 3.1, Win 95 and NT ST7 HDS2 Emulator Yes, powerful emulation features including trace/ logic analyzer No ST7 Programming Board No Yes (All packages) Supported Products ST7 Development Kit ST7 HDS2 Emulator ST7 Programming Board ST72254G1, ST72C254G1 ST72254G2, ST72C254G2 ST72215G2, ST72C215G2 ST72216G1, ST72C216G1 ST72104G1, ST72C104G1, ST72104G2, ST72C104G2 ST7MDT1-DVP2 ST7MDT1-EMU2B ST7MDT1-EPB2/EU ST7MDT1-EPB2/US ST7MDT1-EPB2/UK |