| データシートサーチシステム |
|
ST72104G2 データシート(PDF) 131 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72104G2 データシート(HTML) 131 Page - STMicroelectronics |
|
131 / 140 page ![]() ST72104G, ST72215G, ST72216G, ST72254G 131/140 15.2 THERMAL CHARACTERISTICS Notes: 1. The power dissipation is obtained from the formula PD=PINT+PPORT where PINT is the chip internal power (IDDxVDD) and PPORT is the port power dissipation determined by the user. 2. The average chip-junction temperature can be obtained from the formula TJ = TA + PD x RthJA. Symbol Ratings Value Unit RthJA Package thermal resistance (junction to ambient) SDIP32 SO28 60 75 °C/W PD Power dissipation 1) 500 mW TJmax Maximum junction temperature 2) 150 °C |