データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72C254G1 データシート(PDF) 136 Page - STMicroelectronics

部品番号 ST72C254G1
部品情報  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C254G1 データシート(HTML) 136 Page - STMicroelectronics

Back Button ST72C254G1 Datasheet HTML 132Page - STMicroelectronics ST72C254G1 Datasheet HTML 133Page - STMicroelectronics ST72C254G1 Datasheet HTML 134Page - STMicroelectronics ST72C254G1 Datasheet HTML 135Page - STMicroelectronics ST72C254G1 Datasheet HTML 136Page - STMicroelectronics ST72C254G1 Datasheet HTML 137Page - STMicroelectronics ST72C254G1 Datasheet HTML 138Page - STMicroelectronics ST72C254G1 Datasheet HTML 139Page - STMicroelectronics ST72C254G1 Datasheet HTML 140Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 136 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
136/140
16.3 DEVELOPMENT TOOLS
STmicroelectronics offers a range of hardware
and software development tools for the ST7 micro-
controller family. Full details of tools available for
the ST7 from third party manufacturers can be ob-
tain from the STMicroelectronics Internet site:
ª http//mcu.st.com.
Third Party Tools
s
ACTUM
s
BP
s
COSMIC
s
CMX
s
DATA I/O
s
HITEX
s
HIWARE
s
ISYSTEM
s
KANDA
s
LEAP
Tools from these manufacturers include C compli-
ers, emulators and gang programmers.
STMicroelectronics Tools
Three types of development tool are offered by
ST, all of them connect to a PC via a parallel (LPT)
port: see Table 27 and Table 28 for more details.
Table 27. STMicroelectronics Tool Features
Table 28. Dedicated STMicroelectronics Development Tools
Note:
1. In-Situ Programming (ISP) interface for FLASH devices.
In-Circuit Emulation
Programming Capability1)
Software Included
ST7 Development Kit
Yes. (Same features as
HDS2 emulator but without
logic analyzer)
Yes (DIP packages only)
ST7 CD ROM with:
– ST7 Assembly toolchain
– STVD7 and WGDB7 powerful
Source Level Debugger for Win
3.1, Win 95 and NT
– C compiler demo versions
– ST Realizer for Win 3.1 and Win
95.
– Windows Programming Tools
for Win 3.1, Win 95 and NT
ST7 HDS2 Emulator
Yes, powerful emulation
features including trace/
logic analyzer
No
ST7 Programming Board No
Yes (All packages)
Supported Products
ST7 Development Kit
ST7 HDS2 Emulator
ST7 Programming Board
ST72254G1, ST72C254G1
ST72254G2, ST72C254G2
ST72215G2, ST72C215G2
ST72216G1, ST72C216G1
ST72104G1, ST72C104G1,
ST72104G2, ST72C104G2
ST7MDT1-DVP2
ST7MDT1-EMU2B
ST7MDT1-EPB2/EU
ST7MDT1-EPB2/US
ST7MDT1-EPB2/UK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More