データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSC10A-01-103F データシート(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 CSC10A-01-103F
部品情報  EVALUATION FIXTURE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

CSC10A-01-103F データシート(HTML) 3 Page - Burr-Brown (TI)

  CSC10A-01-103F Datasheet HTML 1Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 2Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 3Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 4Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 5Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 6Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 7Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 8Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
®
DEM-ADS7843E/45E
DUT CONNECTIONS
The DEM-ADS7843E/45E DUT Board has a socket for the
DUT which is positioned in the DUT1 position. Addition-
ally, it has a solder footprint in the event that the user
chooses to solder the DUT directly to the board. This
footprint is poisitioned in X1, just below the DUT1 socket.
If the solder footprint is used, care should be taken to
preserve the solder pads for repeated soldering. Bad X1
solder pads do not interfere with the operation or connec-
tions of the DUT1 socket.
The DEM-ADS7843E/45E evaluation fixture is designed to
evaluate both the ADS7843 and ADS7845 A/D converters.
JP9 must be in position B to evaluate either the ADS7843 or
ADS7845.
Space for an R/C input filter has been provided to allow user
customization for the particular application. Shorting bars
have been installed in R3, R5, R7, R9, R10, and R12 positions
on the board. These are positioned betwen the input of the
DUT and the pin connector, P1. Shorting bars were used to
allow for immediate evaluation of a four-wire touch screen.
In this situation, the touch screen would provide the source
resistance. If resistors are desired in positions R3, R5, R7, R9,
R10, and R12, the user can solder in the desired values.
Additionally, positions for capacitors at the input of the DUT
are provided with C3, C4, C5, C6, C9 and C10. Once again, the
user must install appropriate values for the application under
evaluation.
The voltage reference to the DUT is programmed in the JP1.
The JP1 options are given in Table III.
The digital I/O pins of the DUT may be driven or monitored
with the J2 connector. The assignment of these pins are
summarized in Table V.
POSITION
RESULTING CONFIGURATION
A
1.2V is configured to pin 9 (VREF) of the DUT.
B
The power supply from J4 is configured to pin 9 (VREF)
of the DUT.
C
2.5V is configured to pin 9 (VREF) of the DUT.
TABLE III. VREF is Programmed Using JP1 Position Options.
The combination of JP2 allows jumper programmable set-
tings of the PENIRQ of the ADS7843 or ADS7845 pin of the
DUT. Additionally, this pin can be accessed through J2 and
a combination of JP10 and JP11. Refer to Table IV for
jumper position details. Refer to the ADS7845 data sheet for
additional options.
JP2 POSITION
JP10 POSITION
JP11 POSITION
RESULTING CONFIGURATION
Not Installed
Not Installed
Not Installed
Pin 11 of the DUT is HIGH.
Not Installed
Installed
Not Installed
Pin 11 of the DUT is connected to position 5 of J2. If there is no
connection to position 5 of J2, pin 11 of the DUT will default HIGH.
Not Installed
Not Installed
Installed
Pin 11 of the DUT is inverted and connected to position 5 of J2. If
there is no connection to position 5 of J2, pin 11 of the DUT will
default HIGH.
Installed
Not Installed
Not Installed
Pin 11 of the DUT is LOW.
Installed
Installed
Not Installed
Pin 11 of the DUT is connected to position 5 of J2. If there is no
connection to position 5 of J2, pin 11 of the DUT will default LOW.
Installed
Not Installed
Installed
Pin 11 of the DUT is inverted and connected to position 5 of J2. If
there is no connection to position 5 of J2, pin 11 of the DUT will
default LOW.
TABLE IV. PENIRQ (ADS7843 or ADS7845) Jumper Settings.
J2 PIN NUMBER
(From Left to Right)
ADS7843 PIN DESCRIPTION
1CS
2
DCLK
3
BUSY
4
DIN
5
PENIRQ
6
DOUT
TABLE V. J2 Connector Contacts versus DUT Pins.
(NOTE: If you have a DEM-ADS7843E/45E,
Revision A, the silkscreen is in error. The above
description is correct.)
STAND-ALONE OPERATION
The DUT can be evaluated in a stand-alone configuration by
removing all of the jumper tops of JP4. JP4 connects pins 12,
13, 14, 15, and 16 of the DUT to the digital interface
circuitry of the board. If the array of jumper tops are not
removed, the user may find significant conflicts on the
digital I/O lines of the DUT. The details of this interface
circuitry is discussed in detail in the “Digital Interface”
section of this data sheet.
DIGITAL INTERFACE CIRCUITRY
The DUT can be evaluated using the digital clocking cir-
cuitry on the board by installing all of the jumper tops of JP4
and removing any signal present on the J2 connector. This
digital circuit uses the clock signal from P1 (External Clock)
or Y1 to create the DUT clock (DCLK), CS, and the DIN
code to the device while providing a serial or parallel output
signal from the DOUT pin of the DUT.
Clock Control
The master clock to the board is set with the JP6 jumper.
Position A of the JP6 jumper configures the External Clock
(P1) coax connector into the circuit. It is recommended that
this signal be a logic square wave. The signal from this
connector will be used directly for the DCLK signal to the


同様の部品番号 - CSC10A-01-103F

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CSC10A VISHAY-CSC10A Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
CSC10A VISHAY-CSC10A Datasheet
401Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

同様の説明 - CSC10A-01-103F

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DEM-OPA68XU BURR-BROWN-DEM-OPA68XU Datasheet
59Kb / 4P
EVALUATION FIXTURE
logo
Texas Instruments
DEM-ADS1216 TI-DEM-ADS1216 Datasheet
336Kb / 9P
EVALUATION FIXTURE
DEM-DAI1602 TI1-DEM-DAI1602 Datasheet
209Kb / 11P
EVALUATION FIXTURE
logo
Burr-Brown (TI)
DEM-DAI1604 BURR-BROWN-DEM-DAI1604 Datasheet
157Kb / 11P
EVALUATION FIXTURE
DEM-DAI1742 BURR-BROWN-DEM-DAI1742 Datasheet
281Kb / 10P
EVALUATION FIXTURE
DEM-PCM1704 BURR-BROWN-DEM-PCM1704 Datasheet
100Kb / 5P
EVALUATION FIXTURE
logo
Molex Electronics Ltd.
0690202025 MOLEX11-0690202025 Datasheet
36Kb / 1P
Arbor Press Fixture
logo
Keysight Technologies
U2941A KEYSIGHT-U2941A Datasheet
1Mb / 6P
Parametric Test Fixture
logo
Bel Fuse Inc.
0804-EVALB02 BEL-0804-EVALB02 Datasheet
2Mb / 11P
Powerline Test Fixture
logo
Tyco Electronics
408-8502 MACOM-408-8502 Datasheet
88Kb / 2P
Fixture Board Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com