データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSC10A-01-103F データシート(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 CSC10A-01-103F
部品情報  EVALUATION FIXTURE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

CSC10A-01-103F データシート(HTML) 5 Page - Burr-Brown (TI)

  CSC10A-01-103F Datasheet HTML 1Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 2Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 3Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 4Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 5Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 6Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 7Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 8Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
DEM-ADS7843E/45E
PART
NUMBER
PART
LOCATION
PER KIT
NUMBER
VENDOR
DESCRIPTION
1
A-2518 Rev B
ADS7843E Bare Board
X1 (not installed)
1
Accepts ADS7843E
Burr-Brown
12-bit A/D converter solder land area, parts not installed
and ADS7845E
U1
1
REF1004C-1.2
Burr-Brown
1.235V Reference, SOIC
U2
1
REF1004C-2.5
Burr-Brown
2.5V Reference, SOIC
DUT
5
ADS7843E
Burr-Brown
12-bit Touch Screen A/D Converter (4-wire panel)
DUT
5
ADS7845E
Burr-Brown
12-bit Touch Screen A/D Converter (5-wire panel)
DUT (socket)
1
OTS-16(24)-0.635-01
Enplas (TESCO)
16-lead SSOP socket
U3, U5, U7
3
74HC393D
TI(1)
Dual, 4-bit, binary counter
U4
1
74HC08D
TI(1)
Quadruple two-input positive AND gates
U6
1
74HC04D
TI(1)
Hex Inverters
U8
1
74HC166D
TI(1)
8-bit parallel-load shift register
U13, U14
2
SN74HC594D
TI(1)
8-bit shift registers with output registers
U15
1
MC74HC390D
TI(1)
Decade counter, dual 4-bit
Y1
1
CTX129-ND
DigiKey
32MHz clock oscillator, (CTS)
Y1 (socket)
1
1107741
Aries
14-pin oscillator socket, DIP
D1
1
HLMP-3201
Hewlett Packard(1)
Red LED
R3, R5, R7, R9, R10, R12
Optional. Provided with shorts. Resistors not included.
R13
1
CRCW12062001F
Dale
2k
Ω, 1%, 0.125W, metal-film resistor
R14
1
CRCW12061001F
Dale
1k
Ω, 1%, 0.125W, metal-film resistor
R15, R16
2
CRCW120622R1F
Dale
22.1k
Ω, 1%, 0.125W, metal-film resistor
R1, R11
2
CRCW12061002F
Dale
10k
Ω, 1%, 0.125W, metal-film resistor
R8, R18
2
CECW12061003F
Dale
100k
Ω, 1%, 0.125W, metal-film resistor
R2, R4, R6
3
CRCW12061000F
Dale
100
Ω, 1%, 0.125W, metal-film resistor
R17
1
CRCW12066810F
Dale
681
Ω, 1%, 0.125W, metal-film resistor
C1
1
T491B225K016AS
Kemet
2.2
µF capacitor, 16V
C3 through C6, C9, C10
Optional. Capacitor not included.
C12, C14 through C25
13
C1206C104K5RAC
Kemet
0.1
µF surface-mount capacitor, X7R
C11, C13
2
T491C106K016AS
Kemet
10
µF polarized capacitors, 16V, 10%
C2
1
C1206C103K5RAC
Kemet
0.01
µF, 50V, 10%, chip-ceramic, X7R
C8
1
C320C104K5R5CA
Kemet
0.1
µF, 50V, 10%, ceramic
JP1
1
TSW-103-07-T-D
Samtec
2 x 3
JP2
1
TSW-101-07-T-D
Samtec
2 x 1
JP3
1
TSW-108-07-T-D
Samtec
2 x 8
JP4
1
TSW-105-07-T-D
Samtec
2 x 5
JP5 through JP9
5
TSW-103-07-T-S
Samtec
1 x 3
JP1, JP2, JP3 tops
3
SNT-100-BK-T
Samtec
Jumper Tops
J1, J2, J4 pins
7
31024102
RIACON
2-pin terminal block pins, 3.5mm centers
J1, J2, J4 tops
7
31165102
RIACON
2-pin terminal block tops, 3.5mm centers
J3
1
IDH-50LP-S3-TG
Robinson Nugent
2 x 25, straight-through header w/shroud, 0.1" center spacing
P1
1
47788
Pamona
BNC right-angle, PC mount connector
RN2
1
CSC10A-01-104F
Dale
10-pin SIP resistor network (100k
Ω, 9R, 1C)
RN1
1
CSC10A-01-103F
Dale
10-pin SIP resistor network (10k
Ω, 9R, 1C)
Rubber Feet
6
SJ5523-O-ND
3M
Bumpons
NOTE: (1) Or equivalent.
TABLE IX. Parts List for the DEM-ADS7843E/45E.


同様の部品番号 - CSC10A-01-103F

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CSC10A VISHAY-CSC10A Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
CSC10A VISHAY-CSC10A Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

同様の説明 - CSC10A-01-103F

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DEM-OPA68XU BURR-BROWN-DEM-OPA68XU Datasheet
59Kb / 4P
   EVALUATION FIXTURE
logo
Texas Instruments
DEM-ADS1216 TI-DEM-ADS1216 Datasheet
336Kb / 9P
[Old version datasheet]   EVALUATION FIXTURE
DEM-DAI1602 TI1-DEM-DAI1602 Datasheet
209Kb / 11P
[Old version datasheet]   EVALUATION FIXTURE
logo
Burr-Brown (TI)
DEM-DAI1604 BURR-BROWN-DEM-DAI1604 Datasheet
157Kb / 11P
   EVALUATION FIXTURE
DEM-DAI1742 BURR-BROWN-DEM-DAI1742 Datasheet
281Kb / 10P
   EVALUATION FIXTURE
DEM-PCM1704 BURR-BROWN-DEM-PCM1704 Datasheet
100Kb / 5P
   EVALUATION FIXTURE
logo
Molex Electronics Ltd.
0690202025 MOLEX11-0690202025 Datasheet
36Kb / 1P
   Arbor Press Fixture
logo
Keysight Technologies
U2941A KEYSIGHT-U2941A Datasheet
1Mb / 6P
   Parametric Test Fixture
logo
Bel Fuse Inc.
0804-EVALB02 BEL-0804-EVALB02 Datasheet
2Mb / 11P
   Powerline Test Fixture
logo
Tyco Electronics
408-8502 MACOM-408-8502 Datasheet
88Kb / 2P
   Fixture Board Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com