データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSC10A-01-103F データシート(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 CSC10A-01-103F
部品情報  EVALUATION FIXTURE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

CSC10A-01-103F データシート(HTML) 6 Page - Burr-Brown (TI)

Back Button CSC10A-01-103F Datasheet HTML 2Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 3Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 4Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 5Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 6Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 7Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 8Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 9Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
®
DEM-ADS7843E/45E
FIGURE 1a. ADS7843E and ADS7845E Evaluation Demo Board Analog Circuit Diagram.
+5V
+5V
+5V
Analog Workspace
Bypass Capacitors
C
14
0.10
µF
50V
10%
C
15
0.10
µF
50V
10%
C
16
0.10
µF
50V
10%
1
3
5
7
9
Dout
Din
Dclk
CS
Busy/Sync
C
20
0.10
µF
50V
10%
C
21
0.10
µF
50V
10%
C
22
0.10
µF
50V
10%
C
23
0.10
µF
50V
10%
C
24
0.10
µF
50V
10%
C
25
0.10
µF
50V
10%
JP4
R
2 100Ω
2
1
2
1
2
1
0.125W 1%
R
4 100Ω
0.125W 1%
R
6 100Ω
0.125W 1%
J2
J2A
J2B
+5V
JP10
JP11
JP2
JP1
+5V
U1
REF1004-1.2
REF1004-2.5
NC1
NC2
CATHODE 2
CATHODE 1
NC3
ANODE
NC5
NC4
1
2
3
4
8
6
7
5
NC1
NC2
CATHODE 2
CATHODE 1
NC3
ANODE
NC5
NC4
1
2
3
4
8
6
7
5
U2
1
3
5
2
4
6
+5V
10
11
U6
74HC040
+5V
R
18
100k
0.125W
1%
R
11
10.0k
0.125W
1%
R
13
1.0k
0.125W
1%
R
15
22.1
0.125W
1%
C
11
10
µF
16V
10%
C
12
0.10
µF
50V
10%
R
14
1.0k
0.125W
1%
R
16
22.1
0.125W
1%
C
8
0.1
µF
50V
10%
R
8
100k
0.125W
1%
R17
681
0.125W
1%
C
1
2.2
µF
16V
10%
C2
0.01
µF
50V
10%
LED
HLMP-3201
RED
C13 10µF
16V 10%
1
J4
JP9
1
2
3
4
5
6
7
8
X+
Y+
X–
Y–
IN3
IN4
V
CC
X+
Y+
X–
Y–
GND
IN3
IN4
Dclk
CS
Din
Busy
Dout
Penirq
V
CC
V
REF
16
15
14
13
12
11
10
9
+5V
31
2
+5V
2
R9 0Ω
R10 0Ω
R7 0Ω
R3 0Ω
R5 0Ω
C3
C4
C5
C6
C9
C10
R12 0Ω
DUT socket may
be used or part
may be soldered
directly to PCB
DUT1
OTS-16(24)-0.635-02
User Supply Input
IN4
IN3
Y–
X–
Y+
X+
GND
GND
GND
1
2
J1B
1
2
J1A
1
2
J1


同様の部品番号 - CSC10A-01-103F

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CSC10A VISHAY-CSC10A Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
CSC10A VISHAY-CSC10A Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

同様の説明 - CSC10A-01-103F

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DEM-OPA68XU BURR-BROWN-DEM-OPA68XU Datasheet
59Kb / 4P
   EVALUATION FIXTURE
logo
Texas Instruments
DEM-ADS1216 TI-DEM-ADS1216 Datasheet
336Kb / 9P
[Old version datasheet]   EVALUATION FIXTURE
DEM-DAI1602 TI1-DEM-DAI1602 Datasheet
209Kb / 11P
[Old version datasheet]   EVALUATION FIXTURE
logo
Burr-Brown (TI)
DEM-DAI1604 BURR-BROWN-DEM-DAI1604 Datasheet
157Kb / 11P
   EVALUATION FIXTURE
DEM-DAI1742 BURR-BROWN-DEM-DAI1742 Datasheet
281Kb / 10P
   EVALUATION FIXTURE
DEM-PCM1704 BURR-BROWN-DEM-PCM1704 Datasheet
100Kb / 5P
   EVALUATION FIXTURE
logo
Molex Electronics Ltd.
0690202025 MOLEX11-0690202025 Datasheet
36Kb / 1P
   Arbor Press Fixture
logo
Keysight Technologies
U2941A KEYSIGHT-U2941A Datasheet
1Mb / 6P
   Parametric Test Fixture
logo
Bel Fuse Inc.
0804-EVALB02 BEL-0804-EVALB02 Datasheet
2Mb / 11P
   Powerline Test Fixture
logo
Tyco Electronics
408-8502 MACOM-408-8502 Datasheet
88Kb / 2P
   Fixture Board Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com