データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSC10A-01-103F データシート(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 CSC10A-01-103F
部品情報  EVALUATION FIXTURE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

CSC10A-01-103F データシート(HTML) 7 Page - Burr-Brown (TI)

Back Button CSC10A-01-103F Datasheet HTML 3Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 4Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 5Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 6Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 7Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 8Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 9Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 10Page - Burr-Brown (TI) CSC10A-01-103F Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
®
DEM-ADS7843E/45E
FIGURE 1b. ADS7843E and ADS7845E Evaluation Demo Board Digital Circuit Diagram.
74HC393D
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
17
2
4
6
8
10
12
14
16
18
19
21
23
25
27
29
31
33
20
22
24
26
28
30
32
34
35
37
39
41
43
45
47
49
36
38
40
42
44
46
48
50
DVALID
(Low)
(Low)
(Low)
(Low)
LSB
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q17
SER
RCK
SRCLR
SRCK
RCLR
14
12
10
11
13
JP3
QA
QB
QC
QD
CLK
CLR
U3
+5V
+5V
+5V
QH
U8
8
Din 13
Din 13
9
21
43
Dclk
U4
Dclk
TTLOsc/10 = DUTCLK/(16-24) = Convert
32MHz/10 = 3.2MHz/16 = 200kHz
U4
3
4
5
6
1
2
4
5
6
3
74HC08D
MC74HC390D
MC74HC390D
U15
U3
74HC08D
U4
9
10
8
Busy/Sync
74HC166D
74HC08D
74HC393D
74HC08D
74HC393D
U6
74HC04D
U6
74HC04D
U6
74HC04D
74HC393D
1
2
R
1
10k
0.125W
1%
QA
QB
QC
QD
CLK
CLR
11
10
9
8
13
12
QA
QB
QC
QD
CLK
CLR
3
4
5
6
1
2
74HC393D
Dclk
QA
QB
QC
QD
CLK
CLR
3
4
5
6
9
15
6
7
1
2
3
4
5
10
11
12
14
CL
SH/LD
CKINH
CK
SER
A
B
C
D
E
F
G
H
1
2
74HC393D
U6
74HC04D
QA
QB
QC
QD
CLK
CLR
11
10
9
8
15
1
2
3
4
5
6
7
9
PD0
PD1
SER/DFR
MODE
A0
A1
A2
START
13
5
U13
U14
SN74HC594D
6
J3
U6
74HC04D
13
12
12
QA
QB
QC
QD
CLK
CLR
3
4
5
6
12
13
1
1
13
2
7
14
+5V
JP5
8
32MHz
Y1
11
2
JP7
U4
13
2
JP8
13
JP6
+5V
+5V
RN2
100k
RN1
10k
1
2345 6
789
10 987 6
5432
1
Dclk
P1
External
Clk Input
1
2
3
2
QA
QB
QC
QD
CKA
CKB
CLR
NC
GND
+5V
OUT
3
5
6
7
1
4
2
U15
U5
U5
U7
U7
QA
QB
QC
QD
CLR
13
11
10
9
PD0
PD1
SER/DFR
MODE
A0
A1
A2
START
15
12
14
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q17
SER
RCK
SRCLR
SRCK
RCLR
14
12
10
11
13
15
1
2
3
4
5
6
7
9
SN74HC594D
Spares
MSB
Digital Workspace
Dout
Din
Dclk
CS
Busy/Sync
CKA
CKB
POWER
GROUND
BYPASS CAP
REF. DES.
DEVICE
PIN
PIN
REF. DES.
U1
REF1004-1.2
N/A
4
N/A
U2
REF1004-2.5
N/A
4
N/A
U3, U5, U7
74HC393N
16
8
C14, C15, C16
U4
74HC08N
14
7
C20
U6
74HC04N
14
7
C21
U8
74HC166N
16
8
C22
U13, U14
74HC594N
16
8
C23, C24
U15
74HC390N
16
8
C25
POWER AND GROUND CHART


同様の部品番号 - CSC10A-01-103F

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CSC10A VISHAY-CSC10A Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
CSC10A VISHAY-CSC10A Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

同様の説明 - CSC10A-01-103F

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DEM-OPA68XU BURR-BROWN-DEM-OPA68XU Datasheet
59Kb / 4P
   EVALUATION FIXTURE
logo
Texas Instruments
DEM-ADS1216 TI-DEM-ADS1216 Datasheet
336Kb / 9P
[Old version datasheet]   EVALUATION FIXTURE
DEM-DAI1602 TI1-DEM-DAI1602 Datasheet
209Kb / 11P
[Old version datasheet]   EVALUATION FIXTURE
logo
Burr-Brown (TI)
DEM-DAI1604 BURR-BROWN-DEM-DAI1604 Datasheet
157Kb / 11P
   EVALUATION FIXTURE
DEM-DAI1742 BURR-BROWN-DEM-DAI1742 Datasheet
281Kb / 10P
   EVALUATION FIXTURE
DEM-PCM1704 BURR-BROWN-DEM-PCM1704 Datasheet
100Kb / 5P
   EVALUATION FIXTURE
logo
Molex Electronics Ltd.
0690202025 MOLEX11-0690202025 Datasheet
36Kb / 1P
   Arbor Press Fixture
logo
Keysight Technologies
U2941A KEYSIGHT-U2941A Datasheet
1Mb / 6P
   Parametric Test Fixture
logo
Bel Fuse Inc.
0804-EVALB02 BEL-0804-EVALB02 Datasheet
2Mb / 11P
   Powerline Test Fixture
logo
Tyco Electronics
408-8502 MACOM-408-8502 Datasheet
88Kb / 2P
   Fixture Board Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com