データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

70250210 データシート(PDF) 1 Page - Lapp.

部品番号 70250210
部品情報  EPIC® ULTRA H-B 10 TS QB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LAPP [Lapp.]
ホームページ  https://e.lapp.com/us/
Logo LAPP - Lapp.

70250210 データシート(HTML) 1 Page - Lapp.

  70250210 Datasheet HTML 1Page - Lapp. 70250210 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70250210
DATA SHEET
Valid from:
13.05.2019
EPIC® ULTRA H-B 10 TS QB
Creator: BEGE1/PDP
Released: IVSE1/PDP
Document: DB70250210EN
Version: 02
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Housing H-B ULTRA: For more reliability
Optimal, low resistance 360° screening
EPIC® ULTRA housings are universally applicable due to their high
corrosion resistance and high protection against environmental
influences.Space-saving due to compact dimensions
High mechanical resistance
Puggable with standard-housing
General Characteristics
Series
ULTRA H-B 10
Model
Hood
Cable entry
1x lateral
Cable gland
Yes
Clamping range
See table
Screen contacting
BRUSH (optional, see table)
Diameter above cable braiding
(only BRUSH)
min. 6 mm
Locking
Bolts for double lever
Protection (DIN EN 60529)
IP 68 (mated and latched)
Protection (NEMA 250/UL50E)
4, 4X, 12 (mated and latched)
Temperature range
-40°C to +100°C
Materials / Surfaces
Housing
Zinc alloy, nickel-plated
Locking
Stainless steel
Cable gland
Brass, nickel-plated
Insert
PA
Seal ring
CR
Standards
Safety standards
IEC 61984
Product features according to
DIN EN 6988
DIN EN ISO 9227, method NSS, duration 480h
DIN EN 60068-2-52, severity level 2
Versions
Article number Article description
Clamping range
BRUSH
70250210
EPIC® ULTRA H-B 10 TS QB 7-15
7 - 15 mm
No
70250265
EPIC® ULTRA H-B 10 TS QB 7-15 BRUSH
7 - 15 mm
Yes
70250211
EPIC® ULTRA H-B 10 TS QB 11-21
11 – 21 mm
No
70250212
EPIC® ULTRA H-B 10 TS QB 11-21 BRUSH
11 – 21 mm
Yes


同様の部品番号 - 70250210

メーカー部品番号データシート部品情報
logo
Lapp.
70250213 LAPP-70250213 Datasheet
160Kb / 3P
   EPIC® ULTRA H-B 10 AG-QB
01.12.2021
70250214 LAPP-70250214 Datasheet
172Kb / 2P
   EPIC® ULTRA H-B 16 TS QB
13.05.2019
More results

同様の説明 - 70250210

メーカー部品番号データシート部品情報
logo
Lapp.
70250214 LAPP-70250214 Datasheet
172Kb / 2P
   EPIC® ULTRA H-B 16 TS QB
13.05.2019
70250213 LAPP-70250213 Datasheet
160Kb / 3P
   EPIC® ULTRA H-B 10 AG-QB
01.12.2021
10042000 LAPP-10042000 Datasheet
127Kb / 2P
   EPIC® H-B 10 TS
17.09.2018
10042900 LAPP-10042900 Datasheet
128Kb / 2P
   EPIC® H-B 10 TS-RO
17.09.2018
70250222 LAPP-70250222 Datasheet
148Kb / 3P
   EPIC® ULTRA H-B 24 AG-QB
01.12.2021
70250203 LAPP-70250203 Datasheet
173Kb / 2P
   EPIC® ULTRA H-B 6 TS LB
13.05.2019
10113000 LAPP-10113000 Datasheet
127Kb / 2P
   EPIC® H-B 24 TS
17.09.2018
19135000 LAPP-19135000 Datasheet
128Kb / 2P
   EPIC® H-B 32 TS
29.08.2022
10012000 LAPP-10012000 Datasheet
151Kb / 2P
   EPIC® H-B 6 TS
17.09.2018
10082000 LAPP-10082000 Datasheet
127Kb / 2P
   EPIC® H-B 16 TS
17.09.2018
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com