データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB3771 データシート(PDF) 1 Page - Fujitsu Component Limited.

部品番号 MB3771
部品情報  Power Supply Monitor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3771 データシート(HTML) 1 Page - Fujitsu Component Limited.

  MB3771 Datasheet HTML 1Page - Fujitsu Component Limited. MB3771 Datasheet HTML 2Page - Fujitsu Component Limited. MB3771 Datasheet HTML 3Page - Fujitsu Component Limited. MB3771 Datasheet HTML 4Page - Fujitsu Component Limited. MB3771 Datasheet HTML 5Page - Fujitsu Component Limited. MB3771 Datasheet HTML 6Page - Fujitsu Component Limited. MB3771 Datasheet HTML 7Page - Fujitsu Component Limited. MB3771 Datasheet HTML 8Page - Fujitsu Component Limited. MB3771 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DS04-27400-11E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2003-2006 FUJITSU LIMITED All rights reserved
ASSP For power supply applications
BIPOLAR
Power Supply Monitor
MB3771
■ DESCRIPTION
The Fujitsu MB3771 is designed to monitor the voltage level of one or two power supplies (+5 V and an arbitrary
voltage) in a microprocessor circuit, memory board in large-size computer, for example.
If the circuit’s power supply deviates more than a specified amount, then the MB3771 generates a reset signal to
the microprocessor. Thus, the computer data is protected from accidental erasure.
Using the MB3771 requires few external components. To monitor only a +5 V supply, the MB3771 requires the
connection of one external capacitor. The level of an arbitrary detection voltage is determined by two external
resistors. The MB3771 is available in an 8-pin Dual In-Line, Single In-Line Package or space saving Flat Package.
■ FEATURES
• Precision voltage detection (VSA = 4.2 V ± 2.5
%)
• User selectable threshold level with hysteresis (VSB = 1.23 V ± 1.5
%)
• Monitors the voltage of one or two power supplies (5 V and an arbitrary voltage, >1.23 V)
• Usable as over voltage detector
• Low voltage output for reset signal (VCC = 0.8 V Typ)
• Minimal number of external components (one capacitor Min)
• Low power dissipation (ICC = 0.35 mA Typ, VCC = 5 V)
• Detection threshold voltage has hysteresis function
• Reference voltage is connectable.
• One type of package (SOP-8pin : 1 type)
■ APPLICATION
• Industrial Equipment
• Arcade Amusement
etc.


同様の部品番号 - MB3771

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB3771 FUJITSU-MB3771 Datasheet
183Kb / 20P
   Power Supply Monitor
logo
Cypress Semiconductor
MB3771 CYPRESS-MB3771 Datasheet
570Kb / 24P
   Power Supply Monitor
logo
Fujitsu Component Limit...
MB3771P FUJITSU-MB3771P Datasheet
183Kb / 20P
   Power Supply Monitor
MB3771PF FUJITSU-MB3771PF Datasheet
183Kb / 20P
   Power Supply Monitor
MB3771PF-G-BND-JNE1 FUJITSU-MB3771PF-G-BND-JNE1 Datasheet
196Kb / 21P
   ASSP For power supply applications BIPOLAR Power Supply Monitor
More results

同様の説明 - MB3771

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
MB3771 CYPRESS-MB3771 Datasheet
570Kb / 24P
   Power Supply Monitor
logo
Fujitsu Component Limit...
MB3771 FUJITSU-MB3771 Datasheet
183Kb / 20P
   Power Supply Monitor
logo
Analog Devices
ADM1040 AD-ADM1040 Datasheet
42Kb / 1P
   Power Supply Monitor ASIC
REV. PrG 01/01
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
logo
Analog Devices
ADM709RARZ AD-ADM709RARZ Datasheet
232Kb / 4P
   Power Supply Monitor with Resst
REV. 0
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com