データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMEJ-0413-42-SMT-TR データシート(PDF) 2 Page - CUI Devices

部品番号 CMEJ-0413-42-SMT-TR
部品情報  MICROPHONE DEVELOPMENT KIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUID [CUI Devices]
ホームページ  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMEJ-0413-42-SMT-TR データシート(HTML) 2 Page - CUI Devices

  CMEJ-0413-42-SMT-TR Datasheet HTML 1Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 2Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 3Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 4Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 5Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 6Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CUI DEVICES | MODEL: DEVKIT-ECM-001 | DESCRIPTION: MICROPHONE DEVELOPMENT KIT
date 04/13/2023 | page 2 of 7
cuidevices.com
CIRCUIT DIAGRAMS & BOARD LAYOUTS
1
MIC5
CMC-2742PBJ-A
1
MIC7
CMC-6015-47P
1
MIC6
CMR-2747PB-A
1
MIC8
CMEJ-0413-42-SMT-TR
25V
1uF
C5
GND5
VDD5
J5
J9
J10
J11
J12
1k
R1
OUT5
J1
25V
1uF
C1
25V
1uF
C6
VDD6
J6
2.21k
R2
OUT6
J2
25V
1uF
C2
25V
1uF
C7
VDD7
J7
2.21k
R3
OUT7
J3
25V
1uF
C3
25V
1uF
C8
VDD8
J8
2.21k
R4
OUT8
J4
25V
1uF
C4
GND6
GND7
GND8
R4
R3
R2
R1
C8
C7
C6
C5
C3
C1
C4
C2
MIC8
MIC7
MIC6
MIC5
Additional Resources: Product Page


同様の部品番号 - CMEJ-0413-42-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI INC
CMEJ-0413-42-SMT-TR CUI-CMEJ-0413-42-SMT-TR Datasheet
1Mb / 5P
   ELECTRET CONDENSER MICROPHONE
logo
CUI Devices
CMEJ-0413-42-SMT-TR CUID-CMEJ-0413-42-SMT-TR Datasheet
1Mb / 5P
   ELECTRET CONDENSER MICROPHONE
08/05/2022
More results

同様の説明 - CMEJ-0413-42-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI Devices
DEVKIT-MEMS-001 CUID-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/13/2023
logo
CUI INC
DEVKIT-MEMS-001 CUI-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/06/2020
DEVKIT-ECM-001 CUI-DEVKIT-ECM-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/02/2020
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
   Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
   916.5MHz Development kit
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
   CP250X DEVELOPMENT KIT
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
   SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
   Qseven Development Kit
6-Jun-2018
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
   C8051F36x DEVELOPMENT KIT
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com