データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMEJ-0413-42-SMT-TR データシート(PDF) 4 Page - CUI Devices

部品番号 CMEJ-0413-42-SMT-TR
部品情報  MICROPHONE DEVELOPMENT KIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUID [CUI Devices]
ホームページ  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMEJ-0413-42-SMT-TR データシート(HTML) 4 Page - CUI Devices

  CMEJ-0413-42-SMT-TR Datasheet HTML 1Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 2Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 3Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 4Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 5Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 6Page - CUI Devices CMEJ-0413-42-SMT-TR Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CUI DEVICES | MODEL: DEVKIT-ECM-001 | DESCRIPTION: MICROPHONE DEVELOPMENT KIT
date 04/13/2023 | page 4 of 7
cuidevices.com
CMR-2747PB-A
WWW.CUIDEVICES.COM/PRODUCT/AUDIO/MICROPHONES/ELECTRET-CONDENSER-MICROPHONES/CMR-2747PB-A
ELECTRICAL
parameter
conditions/description
min
typ
max
units
directivity
noise cancelling
sensitivity (S)
at 94 dB SPL, 1 kHz
-50
-47
-44
dB
supply voltage (VDD)
2.0
10.0
V
current consumption (IDSS)
VDD = 2.0 V
500
µA
sensitivity reduction
VDD = 2.0 ~ 1.5 V
-3
dB
frequency (f)
100
20,000
Hz
signal to noise ratio (S/N)
at 94 dB SPL, 1 kHz (A-weighted)
56
dBA
total harmonic distortion (THD)
at 94 dB SPL, 1 kHz
10
%
acoustic overload point (AOP)
at 10% THD, 1 kHz
110
dB SPL
output impedance (Zout)
at 1 kHz
2,200
Ω
Notes:
1. All specifications measured at 23±2°C, humidity at 55±20%, unless otherwise noted.
FREQUENCY RESPONSE CURVE
Additional Resources: Product Page


同様の部品番号 - CMEJ-0413-42-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI INC
CMEJ-0413-42-SMT-TR CUI-CMEJ-0413-42-SMT-TR Datasheet
1Mb / 5P
   ELECTRET CONDENSER MICROPHONE
logo
CUI Devices
CMEJ-0413-42-SMT-TR CUID-CMEJ-0413-42-SMT-TR Datasheet
1Mb / 5P
   ELECTRET CONDENSER MICROPHONE
08/05/2022
More results

同様の説明 - CMEJ-0413-42-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI Devices
DEVKIT-MEMS-001 CUID-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/13/2023
logo
CUI INC
DEVKIT-MEMS-001 CUI-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/06/2020
DEVKIT-ECM-001 CUI-DEVKIT-ECM-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/02/2020
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
   Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
   916.5MHz Development kit
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
   CP250X DEVELOPMENT KIT
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
   SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
   Qseven Development Kit
6-Jun-2018
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
   C8051F36x DEVELOPMENT KIT
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com