データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1113275 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1113275
部品情報  NBC-R4ACB/1,0-93K/R4ACB - Patch cable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1113275 データシート(HTML) 1 Page - PHOENIX CONTACT

  1113275 Datasheet HTML 1Page - PHOENIX CONTACT 1113275 Datasheet HTML 2Page - PHOENIX CONTACT 1113275 Datasheet HTML 3Page - PHOENIX CONTACT 1113275 Datasheet HTML 4Page - PHOENIX CONTACT 1113275 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Patch cable, degree of protection: IP20, cable length: 1 m, number of positions: 4, 100 Mbps,
CAT5, material: PP, connection method: Pierce connection, cable outlet: bottom, PROFINET
Your advantages
Compact angle
Perfect for industrial applications
PVC cable for flexible installations
Worldwide approval with CE, UL, WEEE, and EAC
Secure connection and disconnection with reliable locking clip protection
Ideal EMC properties, thanks to 360° shielding
Simultaneous power transmission with PoE++
Resistant to shock and vibrations, thanks to robust molding
High-speed data transmission with up to 1 Gbps (CAT5)
Commercial data
Item number
1113275
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ABNABA
GTIN
4063151035754
Weight per piece (including packing)
96 g
Weight per piece (excluding packing)
84.483 g
Country of origin
PL
NBC-R4ACB/1,0-93K/R4ACB - Patch cable
1113275
https://www.phoenixcontact.com/us/products/1113275
Oct 10, 2023, 5:56 AM
Page 1 (5)


同様の部品番号 - 1113275

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1113274 PHOENIX-1113274 Datasheet
178Kb / 4P
Patch cable - NBC-R4ACB/2,0-93K/R4ACB
1113276 PHOENIX-1113276 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACB/0,5-93K/R4ACB
More results

同様の説明 - 1113275

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1113276 PHOENIX-1113276 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACB/0,5-93K/R4ACB
1113274 PHOENIX-1113274 Datasheet
178Kb / 4P
Patch cable - NBC-R4ACB/2,0-93K/R4ACB
1426671 PHOENIX-1426671 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/3,0-93K/R4ACB
1113312 PHOENIX-1113312 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/1,0-93B/R4ACB
1393492 PHOENIX-1393492 Datasheet
173Kb / 3P
Patch cable - NBC-R4ACB/3,0-94B/R4ACB
1113214 PHOENIX-1113214 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/5,0-93K/OE
1113215 PHOENIX-1113215 Datasheet
175Kb / 4P
Patch cable - NBC-R4ACB/3,0-93K/OE
1247649 PHOENIX-1247649 Datasheet
343Kb / 11P
Patch cable - NBC-R4ACB-R4ACB-PN4/.../...
1113314 PHOENIX-1113314 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/0,3-93B/R4ACB
1393494 PHOENIX-1393494 Datasheet
225Kb / 6P
NBC-R4ACB/5,0-94B/R4ACB - Patch cable
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com