データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT4137 データシート(PDF) 1 Page - Catalyst Semiconductor

部品番号 CAT4137
部品情報  CMOS Boost Converter - White LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4137 データシート(HTML) 1 Page - Catalyst Semiconductor

  CAT4137 Datasheet HTML 1Page - Catalyst Semiconductor CAT4137 Datasheet HTML 2Page - Catalyst Semiconductor CAT4137 Datasheet HTML 3Page - Catalyst Semiconductor CAT4137 Datasheet HTML 4Page - Catalyst Semiconductor CAT4137 Datasheet HTML 5Page - Catalyst Semiconductor CAT4137 Datasheet HTML 6Page - Catalyst Semiconductor CAT4137 Datasheet HTML 7Page - Catalyst Semiconductor CAT4137 Datasheet HTML 8Page - Catalyst Semiconductor CAT4137 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CAT4137
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-5012 Rev. B
Characteristics subject to change without notice
CMOS Boost Converter – White LED Driver
FEATURES
Drives up to 5 White LEDs from 3V
Power Efficiency up to 87%
Low Quiescent Ground Current 0.1mA
Adjustable Output Current (up to 30mA)
High Frequency 1MHz Operation
“Zero” current shutdown mode
Operates down to 2V (from two AA batteries)
Soft start power-up
Open LED low power mode
Automatic shutdown at 1.9V (UVLO)
Thermal shutdown protection
Thin SOT23 5-Lead (1mm max height)
APPLICATIONS
LCD Backlighting
Cellular Phones
Handheld Devices
Digital Cameras
ORDERING INFORMATION
Part Number
Package
Quantity
per Reel
Package
Marking
CAT4137TD-T3
TSOT23-5
(1)
3000
LX
CAT4137TD-GT3
TSOT23-5
(2)
3000
UE
Notes: (1) Matte-Tin Plated Finish (RoHS-compliant).
(2) NiPdAu Plated Finish (RoHS-compliant).
DESCRIPTION
The CAT4137 is a DC/DC step-up converter that
delivers a regulated output current. Operation at a
constant switching frequency of 1MHz allows the
device to be used with small value external ceramic
capacitors and inductor.
The device drives a string of white LEDs connected
in series and provides the regulated current to control
the LEDs with inherent uniform brightness and
matching. An external resistor R1 sets the output
current and allows up to 30mA current to be
supported over a wide range of input supply voltages
from 2.2V to 5.5V, making the device ideal for
battery-powered applications.
LED dimming can be done by using a DC voltage, a
logic signal, or a pulse width modulation (PWM)
signal. The shutdown control pin allows the device to
be placed in power-down mode with “zero” quiescent
current.
In addition to thermal protection and overload current
limiting, the device also enters a very low power
operating mode during “Open LED” fault conditions.
The device is housed in a low profile (1mm max
height) 5-lead thin SOT23 package for space critical
applications.
For Ordering Information details see page 15.
PIN CONFIGURATION
TSOT-23 5-Lead
1mm max height
(Top View)
TYPICAL APPLICATION CIRCUIT
VIN
CAT4137
VIN
LD
VOUT
R1
15Ω
VFB = 300mV
1µF
C1
0.22µF
C2
FB
SHDN
SW
GND
ON
22µH
OFF
2.2 to
5.5V
L: Murata LQH32CN220
D: Central CMDSH2-3 (rated 30V)
VIN
FB
2
3
1
SHDN
5
4
SW
GND


同様の部品番号 - CAT4137

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
867Kb / 28P
   Catalyst Semiconductor
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4137 ONSEMI-CAT4137 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
CAT4137TD-GT3 ONSEMI-CAT4137TD-GT3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137TD-GT3 ONSEMI-CAT4137TD-GT3 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
More results

同様の説明 - CAT4137

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com